Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1153_V2 Datasheet(PDF) 12 Page - ams AG

Part # AS1153_V2
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153_V2 Datasheet(HTML) 12 Page - ams AG

Back Button AS1153_V2 Datasheet HTML 8Page - ams AG AS1153_V2 Datasheet HTML 9Page - ams AG AS1153_V2 Datasheet HTML 10Page - ams AG AS1153_V2 Datasheet HTML 11Page - ams AG AS1153_V2 Datasheet HTML 12Page - ams AG AS1153_V2 Datasheet HTML 13Page - ams AG AS1153_V2 Datasheet HTML 14Page - ams AG AS1153_V2 Datasheet HTML 15Page - ams AG AS1153_V2 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
12 - 16
AS1153, AS1157
Datasheet - Applications
Figure 21. Propagation Delay and Transition Time Waveforms
INx+
INx-
VOL
OUTx
VOH
VID
VID = 0
tTHL
tTLH
tPLHD
tPHLD
VID = 0
80%
50%
20%
VID = (VINx+) - (VINx-)
Note: VCM = (VIN- + VIN+)
2
80%
50%
20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com