Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 12 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 12 Page - ams AG

Back Button AS8221 Datasheet HTML 8Page - ams AG AS8221 Datasheet HTML 9Page - ams AG AS8221 Datasheet HTML 10Page - ams AG AS8221 Datasheet HTML 11Page - ams AG AS8221 Datasheet HTML 12Page - ams AG AS8221 Datasheet HTML 13Page - ams AG AS8221 Datasheet HTML 14Page - ams AG AS8221 Datasheet HTML 15Page - ams AG AS8221 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
AS8221
Datasheet - Electrical Character i s t ics
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
12 - 42
1. EN, STBN, ERRN, TxD, RxD, TxEN, BGE, RxEN, LWAKE, INH1, INH2: open
2. Test condition: (VBP + VBM) / 2 = 2,5V) ± 5%
3. For test signal (see Figure 17)
4. Guaranteed at specified bit time tBIT
tEN_DEB_LP
EN de-bouncing time low-power
modes
0.1
1
40
µs
tEN_DEB_NLP
EN de-bouncing time non-low-
power modes
0.1
1
2
µs
VERRNOH
ERRN high level output voltage
IERRN = -4mA, VIO = 5V
0.8 * VIO 0.9 * VIO 1.0 * VIO
V
VERRNOL
ERRN low level output voltage
IERRN = 4mA, VIO = 5V
0
0.1 * VIO 0.2 * VIO
V
Bus Guardian Interface
VBGEIH
Threshold for detecting BGE as
on logical high
0.48 *
VIO
0.7 * VIO
V
VBGEIL
Threshold for detecting BGE as
on logical low
0.3 * VIO
0.48 *
VIO
V
IBGEIH
BGE high level input current
30
51
100
µA
IBGEIL
BGE low level input current
-5
0
5
µA
VRxENOH
RxEN high level output voltage
IRxEN = -4mA, VIO = 5V
0.8 * VIO 0.9 * VIO 1.0 * VIO
V
VRxENOL
RxEN low level output voltage
IRxEN = 4mA, VIO = 5V
0
0.1 * VIO 0.2 * VIO
V
Read Out Interface
tRO_EN_ERRN
Propagation delay falling edge
EN to ERRN
24.5
µs
tRO_EN_TIMEOUT
error-read-out timeout
25
50
100
µs
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com