Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 24 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 24 Page - ams AG

Back Button AS8221 Datasheet HTML 20Page - ams AG AS8221 Datasheet HTML 21Page - ams AG AS8221 Datasheet HTML 22Page - ams AG AS8221 Datasheet HTML 23Page - ams AG AS8221 Datasheet HTML 24Page - ams AG AS8221 Datasheet HTML 25Page - ams AG AS8221 Datasheet HTML 26Page - ams AG AS8221 Datasheet HTML 27Page - ams AG AS8221 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
AS8221
Datasheet - Application In form atio n
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
24 - 42
9.6.1 Error and Status Flag Bit Order
When the read-out mechanism is started, the first data information is the Bit 0 until Bit 15 is transmitted. Any re-initiation or repetitions is started
with the first data Bit 0.
9.7 Bus Driver
9.7.1 Bus States
Activity: The bus wires reflects the differential signal specified in chapter 9.9 Transmitter on page 26.
Idle: The bus wires are terminated to VCC/2 via. receiver input resistances.
Idle_LP: The bus wires are terminated to GND via receiver input resistances.
Idle_HZ: The bus wires are not terminated to VCC/2 via. 1M
Table 10. Bit Order for the Read-out Sequence
Bit
Description
Symbol
Bit 0
Undervoltage VBAT detected
UVVBAT_DET
Bit 1
Undervoltage VIO detected
UVVIO_DET
Bit 2
Undervoltage VCC detected
UVVCC_DET
Bit 3
Bus error
BUSERR
Bit 4
Reserved
Reserved
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Short circuit between BP and BM
BP_BM
Bit 11
Over temperature
OT
Bit 12
TxEN_BGE timeout
TxEN_TO
Bit 13
Local wake flag
LWAKE
Bit 14
Remote wake flag
RWAKE
Bit 15
Power on flag
PWON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com