Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8221 Datasheet(PDF) 35 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 35 Page - ams AG

Back Button AS8221 Datasheet HTML 31Page - ams AG AS8221 Datasheet HTML 32Page - ams AG AS8221 Datasheet HTML 33Page - ams AG AS8221 Datasheet HTML 34Page - ams AG AS8221 Datasheet HTML 35Page - ams AG AS8221 Datasheet HTML 36Page - ams AG AS8221 Datasheet HTML 37Page - ams AG AS8221 Datasheet HTML 38Page - ams AG AS8221 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AS8221
Datasheet - Appendi x
www.austriamicrosystems.com/flexray/AS8221
Revision 1.7
35 - 42
VBUSActiveHigh
Activity detection differential input voltage high
uBusActiveHigh
Upper Receiver threshold for detecting
activity
VBUSActiveLow
Activity detection differential input voltage low
uBusActiveLow
Lower Receiver threshold for detecting
activity
VData1
Data1 detection differential input voltage
uData1
Receiver threshold for detecting Data_1
VData0
Data0 detection differential input voltage
uData0
Receiver threshold for detecting Data_0
VDataErr
Mismatch between Data0 and Data1
differential input voltage
uData
Mismatch of Receiver thresholds
VRECEIVE_COM
Maximum common mode voltage range when
receiving
uCM
Common mode voltage range (with
respect to GND) that does not disturb the
receive function
tBUS_RxD10
Delay from bus to RxD negative edge
dBDRx10
Receiver delay, negative edge
tBUS_RxD01
Delay from bus to RxD positive edge
dBDRx01
Receiver delay, positive edge
tBIT
Bit time
-
-
tRxD_ASYM
Delay time from bus to RxD mismatch
dRxAsym
Receiver delay mismatch
| dBDRx10 – dBDRx01 |
tRxD_FALL
Fall time RxD voltage
dRxSlope
Fall and rise time 20%-80%
tRxD_RISE
Rise time RxD voltage
dRxSlope
Fall and rise time 20%-80%
tBUSIdleDetection
Idle detection time
dIdleDetection
Filter-time for idle detection
tBUSActivityDetection
Activity detection time
dActivityDetection
Filter-time for activity detection
tBUSIdleReaction
Idle reaction time
dBDRxai
Idle reaction time
tBUSActivityReaction
Activity reaction time
dBDRxia
Activity reaction time
Wake-Up Detector
tBWU_D0
Data0 detection time in remote wake-up
pattern
dWU0Detect
Acceptance timeout for detection of a Data_0
phase in wake-up pattern
tBWU_Idle
Idle or Data1 detection time in remote wake-
up pattern
dWUIdleDetect
Acceptance timeout for detection of a Idle
phase in wake-up pattern
tBWU_Detect
Total remote wake-up detection time
dWUTimeout
Acceptance timeout for wake-up pattern
recognition
VBWUTH
Bus wake-up detection threshold
-
-
VLWUTH
Local wake-up detection threshold
-
-
Table 12. Comparison Table
AS8221 Datasheet
FlexRay
Electrical Physical Layer Specification V2.1 Rev. B
Symbol
Parameter
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com