Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0840/A/2M00 Datasheet(PDF) 5 Page - Elektron Components Ltd.

Part # PX0840/A/2M00
Description  USB Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0840/A/2M00 Datasheet(HTML) 5 Page - Elektron Components Ltd.

  PX0840/A/2M00 Datasheet HTML 1Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 2Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 3Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 4Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 5Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.elektron-bulgin.com
56
BUCCANEER FOR DATA
USB Buccaneer®
Part No.
Description
PX0835
Sealing Cap for cable connectors (PX0840, PX0841)
PX0733
Sealing Cap for front panel mounting connector (PX0842, PX0843)
PX0711
Sealing Cap for rear panel mounting connector (PX0848, PX0849,
PX0845)
Standard A and B type USB
connectors to 5 way crimp
adaptor leads
5 way headers, 2.54mm pitch,
horizontal or vertical
mounting
PCB ADAPTOR LEADS
Part No.
Description
14193
USB ‘A’ type to 5 way crimp connector
14194
USB ‘B’ type to 5 way crimp connector
14191
5 way PCB header straight
14192
5 way PCB header right angle
PNo14191
PNo14193
PNo14194
PNo14192
Sealing caps to maintain IP68
rating when connectors are
not in use
PX0835 for cable connectors
PX0840 & PX0841
PX0733 for front panel mount
connectors PX0842, PX0843 &
PX0844
PX0711 for rear panel mount
connectors PX0848, PX0849 &
PX0845
ACCESSORIES
For use with USB Flash Drives
Maintains IP68 rating when
mated with panel connector
For use with ‘A’ type
connectors: PX0842, PX0843,
PX0845, PX0848 & PX0849
Internal accommodation 17.5
x 14.0 x 83mm approx.
USB FLASH DRIVE COVER
PX0852
Maintains cable screening
directly to panel
Screening can clips around
the panel fixing nut
For use on PX0460/A and
PX0460/B
SCREENING CAN
PX0465
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 56



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com