Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0840/A/2M00 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # PX0840/A/2M00
Description  USB Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0840/A/2M00 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  PX0840/A/2M00 Datasheet HTML 1Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 2Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 3Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 4Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 5Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.elektron-bulgin.com
54
BUCCANEER FOR DATA
USB Buccaneer®
PX0842/A
PX0842/B
PX0842/A - USB ‘A’ type IP68
connector
PX0842/B - USB ‘B’ type IP68
connector
Opposite connector to rear of
panel
Mates with PX0840 and
PX0841cable connectors
FRONT PANEL MOUNTING CONNECTOR
Part No.
Description
PX0842/A
IP68 A type USB, front panel mounted. Sealed A type at front of panel, standard B type at rear.
PX0842/B
IP68 B type USB, front panel mounted. Sealed B type at front of panel, standard A type at rear.
PX0843/A
PX0843/B
PX0843/A - USB ‘A’ type IP68
connector
PX0843/B - USB ‘B’ type IP68
connector
Leaded with 5 way crimp
connector
Mates with PX0840 and PX0841
cable connectors
FRONT PANEL MOUNTING CONNECTOR
Part No.
Description
PX0843/A
IP68 A type USB, front panel mounted. Sealed A type at front of panel, 5 way crimp connector at rear.
PX0843/B
IP68 B type USB, front panel mounted. Sealed B type at front of panel, 5 way crimp connector at rear.
PX0460/A
As PX0843/A with exposed braid for use with PX0465 screening can
PX0460/B
As PX0843/B with exposed braid for use with PX0465 screening can
PX0844/A
PX0844/B
IP68 Sealed through panel
PX0844/A - USB 'A' type IP68
connector
PX0844/B - USB 'B' type IP68
connector
Standard USB interface plug
options to rear of panel
500mm standard cable length,
other lengths available
Mates with PX0840 and
PX0841
FRONT PANEL MOUNTING CONNECTOR
Part No.
Description
PX0844/A/0M50/A
IP68 A type USB, sealed through panel, Sealed 'A' type at front of panel, standard 'A' type at rear
PX0844/A/0M50/B
IP68 A type USB, sealed through panel, Sealed 'A' type at front of panel, standard 'B' type at rear
PX0844/B/0M50/A
IP68 B type USB, sealed through panel, Sealed 'B' type at front of panel, standard 'A' type at rear
PX0844/B/0M50/B
IP68 B type USB, sealed through panel, Sealed 'B' type at front of panel, standard 'B' type at rear
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 54



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com