Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0840/A/2M00 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0840/A/2M00
Description  USB Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0840/A/2M00 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0840/A/2M00 Datasheet HTML 1Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 2Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 3Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 4Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 5Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.elektron-bulgin.com
52
BUCCANEER FOR DATA
USB Buccaneer®
IP68 rated
USB version 2.0 performance
Plug and play capability
Visual mating indication
Shielded system
Single and double ended cables
Screw coupling
PCB versions
Dust and waterproof sealing when mated
Low and high speed bus connection,
1.5Mbs to 480Mbs
Hot pluggable, standard 4 pole interface
Alignment indicator reduces risk of damage
during mating
High noise immunity and EMI protection
Suitable for PC and peripheral configuration
Secure, proven locking system
Direct mounting or via adaptor leads
Over moulded assembly provides
IP68 cable seal
Coupling ring, screw thread
provides secure cable coupling
Standard USB connector
Sealing Cap Clip
‘O’ ring maintains IP68 seal
at connector interface
Panel gasket maintains
IP68 seal to panel
Retaining Nut
USB adaptor
IP68
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 52


Similar Part No. - PX0840/A/2M00

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PX0840/A/2M00 BULGINLIMITED-PX0840/A/2M00 Datasheet
375Kb / 6P
Standard Buccaneer - USB
More results

Similar Description - PX0840/A/2M00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
USB TO USB BRIDGE CONTROLLER
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
FireWire Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
400 Series Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
Ethernet Buccaneer짰
PX0911 BULGIN-PX0911 Datasheet
451Kb / 6P
900 Series Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
Mini Buccaneer짰
logo
List of Unclassifed Man...
SA3319 ETC2-SA3319 Datasheet
585Kb / 20P
Buccaneer짰 Connectors
logo
PHOENIX CONTACT
2986135 PHOENIX-2986135 Datasheet
57Kb / 3P
USB cable - CABLE-USB/MINI-USB-3,0M
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com