Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0840/A/2M00 Datasheet(PDF) 6 Page - Elektron Components Ltd.

Part # PX0840/A/2M00
Description  USB Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0840/A/2M00 Datasheet(HTML) 6 Page - Elektron Components Ltd.

  PX0840/A/2M00 Datasheet HTML 1Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 2Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 3Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 4Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 5Page - Elektron Components Ltd. PX0840/A/2M00 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.elektron-bulgin.com
57
Cable construction - PX0840, PX0841
SPECIFICATION
Cables & connectors
Mechanical
Sealing
IP68, EN60529
Operating temperature
0˚C to +70˚C
Electrical
No. of poles
4
Current rating
1A
Voltage rating
30Vac (RMS)
Contact resistance
30m
Ω max.
Performance
USB version 2.0
Materials - Overmoulded
Overmould material
PVC (black)
Flammability rating
UL94V-0
Materials - Re-wireable and Panel Connectors
Shell material
Steel
Shell plating
Nickel
Contact material
Copper Alloy
Contact plating
30 micro inch Gold
Connector body & locking ring
Polyester
Panel connector
Nylon 6
Flammability rating
UL94V-0
‘O’ rings
Silicon
Panel Gasket - round
Silicon
Panel Gasket - square
Neoprene
Mating cycles
1,000
Compliant
Materials - cable
Cable Jacket
PVC (black)
Screen
Tinned copper braid
Flammability
UL94V-0
Compliant
Conductors
Conductors
Length:
Dia
Signal
Power
2m
4.8mm
2 x 28AWG
2 x 24AWG
3m
5.0mm
2 x 28AWG
2 x 22AWG
5m
5.2mm
2 x 25AWG
2 x 20AWG
PCB adaptor leads
Electrical
No. of conductors
4
Current rating
1A
Voltage rating
30Vac (RMS)
Contact resistance
<10m
Ω max.
PCB pitch
2.54mm
Materials
Moulding
Polycarbonate
Flammability
UL94V-0
Contact material
Copper Alloy
Contact plating
30 micro inch Gold
Wire insulation
PVC (black)
Flammability
UL94-V0
Conductors
4 x 28AWG
Operating temperature
0˚C to +70˚C
Mating cycles
1,000
Compliant
RoHS
RoHS
RoHS
PVC Jacket
Braid
Insulation
SR-PVC
Insulation
HD-PE
Insulation - Polyolefin
Conductor
2M - 28AWG
3M - 28AWG
5M - 25AWG
Conductor
2M - 24AWG
3M - 22AWG
5M - 20AWG
Drain Wire
USB Buccaneer®
BUCCANEER FOR DATA
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 57



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com