Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0911/03/P Datasheet(PDF) 6 Page - Elektron Components Ltd.

Part # PX0911/03/P
Description  900 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0911/03/P Datasheet(HTML) 6 Page - Elektron Components Ltd.

  PX0911/03/P Datasheet HTML 1Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 2Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 3Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 4Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 5Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.elektron-bulgin.com
25
900 Series Buccaneer®
P X x 9 x x / x x / x / x x
PART NO SYSTEM
Series Designation
09 = Standard Cable Accommodation (7-13mm)
A9 = Large Cable Accommodation (14-22mm)
Body Styles
1 = Flex, 2 = Flex In-line,
3 = Panel, 4 = Flange Panel
Contact Termination
1 = Screw Terminal
Number Contacts
02 = 2 pole, 03 = 3 pole, 04 = 4 pole,
05 = 5 pole, 07 = 7 pole, 10 = 10 pole
Contact Type
P = Plug, S = Socket
Cable Acceptance
PX0 version:
Blank = 13-15mm Yellow cable gland (standard)
03 = 11-13mm
Black cable gland
02 = 9-11mm
White cable gland
01 = 7-9mm
Dark Grey cable gland
PXA version:
Blank = 20-22mm Yellow cable gland (standard)
09 = 18-20mm
Black cable gland
08 = 16-18mm
White cable gland
07 = 14-16mm
Dark Grey cable gland
Example:
PX0911/07/P/03 = Flex cable connector with standard cable accommodation body, seven
pin contacts, with gland to suit 11-13mm cable.
BUCCANEER FOR POWER
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:33
Page 25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com