Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0911/03/P Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0911/03/P
Description  900 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0911/03/P Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0911/03/P Datasheet HTML 1Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 2Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 3Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 4Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 5Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.elektron-bulgin.com
20
BUCCANEER FOR POWER
900 Series Buccaneer®
Terminals
Terminals
Sealing Gasket
O Ring
O Ring
O Ring
Contact Insert
Contact Insert
Locking Ring
Main Body
Gland Nut
Cable Gland
Gland Cage
Panel Body
Retaining
Nut
IP68 rating tested at 1.054kg/sq cm (15lb/sq in)
10m depth for 2 weeks
32A, 600V ac/dc rating
2, 3, 4, 5, 7 and 10 pole
Plug or socket connection in each body style
Water and dustproof to IP68 when mated
‘Scoop proof’ contacts
Field termination - screw terminations
Positive locating keyways - cannot be
mis-connected
Sealing caps available to maintain IP68 rating of
unmated connectors
Leading earth contact for 3, 4, 5 and 7 pole versions
Trailing Neutral on 5 pole
Compact design
Easy assembly - no special tools required
Single or 3 phase applications
Bulkhead moulding available for use with flange
mounting body for 45˚ or 90˚ mounting (order each
separately)
Cost effective solution
Cable accomodation 7-22mm O/D
Two cable connector versions for 15mm and 22mm
(maximum) cable diameters
Separate strain relief on large cable version
UL, CSA and VDE approvals
IP68
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:32
Page 20


Similar Part No. - PX0911/03/P

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PX0911/03/P BULGINLIMITED-PX0911/03/P Datasheet
360Kb / 6P
900 Series Buccaneer
PX0911/03/P BULGINLIMITED-PX0911/03/P Datasheet
1Mb / 6P
900 Series Buccaneer
PX0911/03/P/1 BULGINLIMITED-PX0911/03/P/1 Datasheet
360Kb / 6P
900 Series Buccaneer
PX0911/03/P/2 BULGINLIMITED-PX0911/03/P/2 Datasheet
360Kb / 6P
900 Series Buccaneer
PX0911/03/P/3 BULGINLIMITED-PX0911/03/P/3 Datasheet
360Kb / 6P
900 Series Buccaneer
More results

Similar Description - PX0911/03/P

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
FireWire Buccaneer짰
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
400 Series Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
Ethernet Buccaneer짰
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
Mini Buccaneer짰
logo
List of Unclassifed Man...
SA3319 ETC2-SA3319 Datasheet
585Kb / 20P
Buccaneer짰 Connectors
A11809-02 ETC-A11809-02 Datasheet
318Kb / 2P
Tpcm 900 Series
logo
MKS Instruments.
PDR900 MKS-PDR900 Datasheet
258Kb / 4P
Series 900 controller
logo
Adels-Contact
196423 ADELS-196423 Datasheet
114Kb / 1P
ZEL 900
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com