Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0911/03/P Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # PX0911/03/P
Description  900 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0911/03/P Datasheet(HTML) 3 Page - Elektron Components Ltd.

  PX0911/03/P Datasheet HTML 1Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 2Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 3Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 4Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 5Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.elektron-bulgin.com
22
BUCCANEER FOR POWER
PX0941
Mates with PX0911 and
PXA911 connectors
Supplied with high grade
sealing gasket
Supplied with sealing
grommets for panel fixing
screws (M6 thread
recommended)
Flange Mounting
PX0941/02/P
2 pole Plug
PX0941/02/S
2 pole Socket
PX0941/03/P
3 pole Plug
PX0941/03/S
3 pole Socket
PX0941/04/P
4 pole Plug
PX0941/04/S
4 pole Socket
PX0941/05/P
5 pole Plug
PX0941/05/S
5 pole Socket
PX0941/07/P
7 pole Plug
PX0941/07/S
7 pole Socket
PX0941/10/P
10 pole Plug
PX0941/10/S
10 pole Socket
Panel Mounting
PX0931/02/P
2 pole Plug
PX0931/02/S
2 pole Socket
PX0931/03/P
3 pole Plug
PX0931/03/S
3 pole Socket
PX0931/04/P
4 pole Plug
PX0931/04/S
4 pole Socket
PX0931/05/P
5 pole Plug
PX0931/05/S
5 pole Socket
PX0931/07/P
7 pole Plug
PX0931/07/S
7 pole Socket
PX0931/10/P
10 pole Plug
PX0931/10/S
10 pole Socket
PX0931
Mates with PX0911 and
PXA911 connectors
Single hole fixing
Anti-rotation key
High grade sealing gasket
3-7mm panel thickness
900 Series Buccaneer®
PANEL MOUNTING CONNECTOR
FLANGE MOUNTING CONNECTOR
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:32
Page 22



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com