Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0911/03/P Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PX0911/03/P
Description  900 Series Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0911/03/P Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PX0911/03/P Datasheet HTML 1Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 2Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 3Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 4Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 5Page - Elektron Components Ltd. PX0911/03/P Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.elektron-bulgin.com
21
21
BUCCANEER FOR POWER
900 Series Buccaneer®
PX0911
Mates with in-line flex or
panel mounting versions
Positive, fast acting locking
ring - can be turned with a
gloved hand
Plug or socket versions
PX0 Series13-15mm cable
dia. as standard, 7-13mm
with additional gland pack
PXA Series 20-22mm cable
dia. as standard, 14-20mm
with additional gland pack
Strain Relief Clamp
(PXA Series only)
Standard Cable
Large Cable
Description
Standard Cable
Large Cable
Description
PX0911/02/P
PXA911/02/P
2 pole Plug
PX0911/02/S
PXA911/02/S
2 pole Socket
PX0911/03/P
PXA911/03/P
3 pole Plug
PX0911/03/S
PXA911/03/S
3 pole Socket
PX0911/04/P
PXA911/04/P
4 pole Plug
PX0911/04/S
PXA911/04/S
4 pole Socket
PX0911/05/P
PXA911/05/P
5 pole Plug
PX0911/05/S
PXA911/05/S
5 pole Socket
PX0911/07/P
PXA911/07/P
7 pole Plug
PX0911/07/S
PXA911/07/S
7 pole Socket
PX0911/10/P
PXA911/10/P
10 pole Plug
PX0911/10/S
PXA911/10/S
10 pole Socket
Standard Cable
Large Cable
Description
Standard Cable
Large Cable
Description
PX0921/02/P
PXA921/02/P
2 pole Plug
PX0921/02/S
PXA921/02/S
2 pole Socket
PX0921/03/P
PXA921/03/P
3 pole Plug
PX0921/03/S
PXA921/03/S
3 pole Socket
PX0921/04/P
PXA921/04/P
4 pole Plug
PX0921/04/S
PXA921/04/S
4 pole Socket
PX0921/05/P
PXA921/05/P
5 pole Plug
PX0921/05/S
PXA921/05/S
5 pole Socket
PX0921/07/P
PXA921/07/P
7 pole Plug
PX0921/07/S
PXA921/07/S
7 pole Socket
PX0921/10/P
PXA921/10/P
10 pole Plug
PX0921/10/S
PXA921/10/S
10 pole Socket
PXA911
PX0921
PXA921
Mates with either PX0911 or
PXA911 connectors
Plug or socket versions
PX0 Series 13-15mm cable
dia. as standard, 7-13mm
with additional gland pack
PXA Series 20-22mm cable
dia. as standard, 14-20mm
with additional gland pack
Strain Relief Clamp
(PXA Series only)
FLEX CABLE CONNECTOR
IN-LINE FLEX CABLE CONNECTOR
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:32
Page 21



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com