Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2201 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2201
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2201 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2201 Datasheet HTML 9Page - Linear Technology LTC2201 Datasheet HTML 10Page - Linear Technology LTC2201 Datasheet HTML 11Page - Linear Technology LTC2201 Datasheet HTML 12Page - Linear Technology LTC2201 Datasheet HTML 13Page - Linear Technology LTC2201 Datasheet HTML 14Page - Linear Technology LTC2201 Datasheet HTML 15Page - Linear Technology LTC2201 Datasheet HTML 16Page - Linear Technology LTC2201 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2201
13
2201f
CONVERTER OPERATION
The LTC2201 is a CMOS pipelined multistep converter
with a front-end PGA. As shown in Figure 1, the converter
has five pipelined ADC stages; a sampled analog input
will result in a digitized value seven cycles later (see the
Timing Diagram section). The analog input is differential for
improved common mode noise immunity and to maximize
the input range. Additionally, the differential input drive
will reduce even order harmonics of the sample-and-hold
circuit.
Each pipelined stage shown in Figure 1 contains an ADC,
a reconstruction DAC and an interstage amplifier. In op-
eration, the ADC quantizes the input to the stage and the
quantized value is subtracted from the input by the DAC
to produce a residue. The residue is amplified and output
by the residue amplifier. Successive stages operate out of
phase so that when odd stages are outputting their residue,
the even stages are acquiring that residue and vice versa.
The phase of operation is determined by the state of the
CLK input pin.
When CLK is high, the analog input is sampled differen-
tially directly onto the input sample-and-hold capacitors,
inside the “input S/H” shown in the block diagram. At the
instant that CLK transitions from high to low, the voltage
on the sample capacitors is held. While CLK is low, the
held input voltage is buffered by the S/H amplifier which
drives the first pipelined ADC stage. The first stage acquires
the output of the S/H amplifier during the low phase of
CLK. When CLK goes back high, the first stage produces
its residue which is acquired by the second stage. At the
same time, the input S/H goes back to acquiring the analog
input. When CLK goes low, the second stage produces its
residue which is acquired by the third stage. An identi-
cal process is repeated for the third and fourth stages,
resulting in a fourth stage residue that is sent to the fifth
stage for final evaluation.
Each ADC stage following the first has additional range to
accommodate flash and amplifier offset errors. Results
from all of the ADC stages are digitally delayed such that
the results can be properly combined in the correction
logic before being sent to the output buffer.
SAMPLE/HOLD OPERATION AND INPUT DRIVE
Sample/Hold Operation
Figure 2 shows an equivalent circuit for the LTC2201 CMOS
differential sample and hold. The differential analog inputs
are sampled directly onto sampling capacitors (CSAMPLE)
through NMOS transitors. The capacitors shown attached
to each input (CPARASITIC) are the summation of all other
capacitance associated with each input.
Figure 2. Equivalent Input Circuit
LTC2201
CLK
2201 F02
VDD
VDD
RPARASITIC
3Ω
RPARASITIC
3Ω
AIN+
AIN–
CPARASITIC
1.4pF
CPARASITIC
1.4pF
CSAMPLE
9.1pF
CSAMPLE
9.1pF
RON
20Ω
RON
20Ω
APPLICATIONS INFORMATION
During the sample phase when CLK is high, the NMOS
transistors connect the analog inputs to the sampling
capacitors and they charge to, and track the differential
input voltage. When CLK transitions from high to low, the
sampled input voltage is held on the sampling capacitors.
During the hold phase when CLK is high, the sampling
capacitors are disconnected from the input and the held
voltage is passed to the ADC core for processing. As CLK
transitions from low to high, the inputs are reconnected to
the sampling capacitors to acquire a new sample. Since
the sampling capacitors still hold the previous sample,
a charging glitch proportional to the change in voltage
between samples will be seen at this time at the input of
the converter. If the change between the last sample and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com