Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2201 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2201
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2201 Datasheet(HTML) 2 Page - Linear Technology

  LTC2201 Datasheet HTML 1Page - Linear Technology LTC2201 Datasheet HTML 2Page - Linear Technology LTC2201 Datasheet HTML 3Page - Linear Technology LTC2201 Datasheet HTML 4Page - Linear Technology LTC2201 Datasheet HTML 5Page - Linear Technology LTC2201 Datasheet HTML 6Page - Linear Technology LTC2201 Datasheet HTML 7Page - Linear Technology LTC2201 Datasheet HTML 8Page - Linear Technology LTC2201 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2201
2
2201f
TOP VIEW
UK PACKAGE
48-LEAD (7mm
7mm) PLASTIC QFN
SENSE 1
VCM 2
VDD 3
VDD 4
GND 5
AIN
+ 6
AIN
– 7
GND 8
GND 9
CLK 10
GND 11
VDD 12
36 OVDD
35 D11
34 D10
33 D9
32 D8
31 OGND
30 CLKOUT+
29 CLKOUT–
28 D7
27 D6
26 D5
25 OVDD
49
EXPOSED PAD IS GND (PIN 49)
MUST BE SOLDERED TO PCB BOARD
TJMAX = 150°C, θJA = 29°C/W
Supply Voltage (VDD).................................. –0.3V to 4V
Digital Output Supply Voltage (OVDD)......... –0.3V to 4V
Digital Output Ground Voltage (OGND)........–0.3V to 1V
Analog Input Voltage (Note 3) .....–0.3V to (VDD + 0.3V)
Digital Input Voltage ....................–0.3V to (VDD + 0.3V)
Digital Output Voltage............... –0.3V to (OVDD + 0.3V)
Power Dissipation............................................2000mW
Operating Temperature Range
LTC2201C ............................................... 0°C to 70°C
LTC2201I ............................................ –40°C to 85°C
Storage Temperature Range ................. –65°C to 150°C
OVDD = VDD (Notes 1 and 2)
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2201CUK#PBF
LTC2201CUK#TRPBF
LTC2201UK
48-Lead (7mm × 7mm) Plastic QFN
0°C to 70°C
LTC2201IUK#PBF
LTC2201IUK#TRPBF
LTC2201UK
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com