Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2201 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2201
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2201 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2201 Datasheet HTML 2Page - Linear Technology LTC2201 Datasheet HTML 3Page - Linear Technology LTC2201 Datasheet HTML 4Page - Linear Technology LTC2201 Datasheet HTML 5Page - Linear Technology LTC2201 Datasheet HTML 6Page - Linear Technology LTC2201 Datasheet HTML 7Page - Linear Technology LTC2201 Datasheet HTML 8Page - Linear Technology LTC2201 Datasheet HTML 9Page - Linear Technology LTC2201 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2201
6
2201f
TIMING CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND, with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 20MHz, input range = 2.5VP-P with
differential drive (PGA = 0), unless otherwise specified.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
“best fit straight line” to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 6: Offset error is the offset voltage measured from – 1/2LSB when the
output code flickers between 0000 0000 0000 0000 and 1111 1111 1111
1111 in 2’s complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
Note 9: Dynamic current from switched capacitor inputs is large compared
to DC leakage current, and will vary with sample rate.
Note 10: Leakage current will experience transient at power up. Keep
resistance < 1kΩ.
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Analog Supply Voltage
l 3.135
3.3
3.465
V
PSHDN
Shutdown Power
SHDN = VDD, CLK = VDD
2mW
OVDD
Output Supply Voltage
l
0.5
3.6
V
IVDD
Analog Supply Current
l
64
80
mA
PDIS
Power Dissipation
l
211
264
mW
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fS
Sampling Frequency
l
1
20
MHz
tL
CLK Low Time
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
20
5
25
25
500
500
ns
ns
tH
CLK High Time
Duty Cycle Stabilizer Off
Duty Cycle Stabilizer On
l
l
20
5
25
25
500
500
ns
ns
tAP
Sample-and-Hold
Aperture Delay
0.9
ns
tD
CLK to DATA Delay
CL = 5pF (Note 7)
l
1.3
3.1
4.9
ns
tC
CLK to CLKOUT Delay
CL = 5pF (Note 7)
l
1.3
3.1
4.9
ns
tSKEW
DATA to CLKOUT Skew
CL = 5pF (Note 7)
l
–0.6
0
0.6
ns
DATA Access Time
Bus Relinquish Time
CL = 5pF (Note 7)
(Note 7)
l
l
5
5
15
15
ns
ns
Pipeline
Latency
7
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com