Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2201 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2201
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2201 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2201 Datasheet HTML 10Page - Linear Technology LTC2201 Datasheet HTML 11Page - Linear Technology LTC2201 Datasheet HTML 12Page - Linear Technology LTC2201 Datasheet HTML 13Page - Linear Technology LTC2201 Datasheet HTML 14Page - Linear Technology LTC2201 Datasheet HTML 15Page - Linear Technology LTC2201 Datasheet HTML 16Page - Linear Technology LTC2201 Datasheet HTML 17Page - Linear Technology LTC2201 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2201
14
2201f
the new sample is small, the charging glitch seen at the
input will be small. If the input change is large, such as
the change seen with input frequencies near Nyquist, then
a larger charging glitch will be seen.
Common Mode Bias
The ADC sample-and-hold circuit requires differential
drive to achieve specified performance. Each input may
swing ±0.625V for the 2.5V range (PGA = 0) or ±0.417V
for the 1.667V range (PGA = 1), around a common mode
voltage of 1.25V. The VCM output pin (Pin 2) is designed
to provide the common mode bias level. VCM can be tied
directly to the center tap of a transformer to set the DC
input level or as a reference level to an op amp differential
driver circuit. The VCM pin must be bypassed to ground
close to the ADC with 2.2μF or greater.
Input Drive Impedence
As with all high performance, high speed ADCs the dy-
namic performance of the LTC2201 can be influenced
by the input drive circuitry, particularly the second and
third harmonics. Source impedance and input reac-
tance can influence SFDR. At the rising edge of CLK the
sample and hold circuit will connect the 9.1pF sampling
capacitor to the input pin and start the sampling period.
The sampling period ends when CLK falls, holding the
sampled input on the sampling capacitor. Ideally, the
input circuitry should be fast enough to fully charge
the sampling capacitor during the sampling period
1/(2FCLK); however, this is not always possible and the
incomplete settling may degrade the SFDR. The sampling
glitch has been designed to be as linear as possible to
minimize the effects of incomplete settling.
For the best performance it is recommended to have a
source impedance of 100Ω or less for each input. The
source impedance should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
INPUT DRIVE CIRCUITS
Figure 3 shows the LTC2201 being driven by an RF trans-
former with a center-tapped secondary. The secondary
center tap is DC biased with VCM, setting the ADC input
signal at its optimum DC level. Figure 3 shows a 1:1 turns
ratio transformer. Other turns ratios can be used; however,
as the turns ratio increases so does the impedance seen by
the ADC. Source impedance greater than 50Ω can reduce
the input bandwidth and increase high frequency distor-
tion. A disadvantage of using a transformer is the loss of
low frequency response. Most small RF transformers have
poor performance at frequencies below 1MHz.
Figure 3. Single-Ended to Differential Conversion
Using a Transformer. Recommended for Input
Frequencies from 1MHz to 100MHz
LTC2201
ANALOG
INPUT
T1 = COILCRAFT WBCI-IT OR
MA/COM ETC1-1T.
RESISTORS, CAPACITORS ARE
0402 PACKAGE SIZE, EXCEPT 2.2μF.
2201 F03
0.1μF
2.2μF
12pF
12pF
12pF
0.1μF
T1
1:1
25Ω
25Ω
25Ω
25Ω
VCM
AIN+
AIN–
Figure 4. Using a Transmission Line Balun Transformer.
Recommended for Input Frequencies from 50MHz to 250MHz
0.1μF
AIN
+
AIN
–
4.7pF
2.2μF
4.7pF
4.7pF
VCM
ANALOG
INPUT
0.1μF
0.1μF
T1
1:1
T1 = MA/COM ETC1-1-13.
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE,
EXCEPT 2.2μF.
2201 F04
25Ω
25Ω
25Ω
10Ω
10Ω
25Ω
LTC2201
Center-tapped transformers provide a convenient means
of DC biasing the secondary; however, they often show
poor balance at high input frequencies, resulting in large
2nd order harmonics.
Figure 4 shows transformer coupling using a transmis-
sion line balun transformer. This type of transformer has
much better high frequency response and balance than flux
coupled center tap transformers. Coupling capacitors are
added at the ground and input primary terminals to allow
the secondary terminals to be biased at 1.25V.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com