Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6409
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 14Page - Linear Technology LTC6409 Datasheet HTML 15Page - Linear Technology LTC6409 Datasheet HTML 16Page - Linear Technology LTC6409 Datasheet HTML 17Page - Linear Technology LTC6409 Datasheet HTML 18Page - Linear Technology LTC6409 Datasheet HTML 19Page - Linear Technology LTC6409 Datasheet HTML 20Page - Linear Technology LTC6409 Datasheet HTML 21Page - Linear Technology LTC6409 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
18
21576514fa
CONVERTER OPERATION
The LTC2157-14/LTC2156-14/LTC2155-14 are two-
channel, 14-bit 250Msps/210Msps/170Msps A/D con-
verters that are powered by a single 1.8V supply. The
analog inputs must be driven differentially. The en-
code inputs should be driven differentially for optimal
performance. The digital outputs are double data rate
LVDS. Additional features can be chosen by programming
the mode control registers through a serial SPI port.
ANALOG INPUT
The analog inputs are differential CMOS sample-and-
hold circuits (Figure 2). The inputs must be driven differ-
entially around a common mode voltage set by the VCM
output pin, which is nominally 0.435 • VDD. For the 1.5V
input range, the inputs should swing from VCM – 0.375V
to VCM + 0.375V. There should be 180° phase difference
between the inputs.
The two channels are simultaneously sampled by a
shared encode circuit.
INPUT DRIVE CIRCUITS
Input Filtering
If possible, there should be an RC lowpass filter right at
the analog inputs. This lowpass filter isolates the drive
circuitry from the A/D sample-and-hold switching, and also
limits wide band noise from the drive circuitry. Figure 3
shows an example of an input RC filter. The RC compo-
nent values should be chosen based on the application’s
specific input frequency.
Transformer-Coupled Circuits
Figure 3 shows the analog input being driven by an RF
transformer with the common mode supplied through a
pair of resistors via the VCM pin.
At higher input frequencies a transmission line balun
transformer (Figures 4 and 5) has better balance, resulting
in lower A/D distortion.
2pF
RON
20Ω
RON
20Ω
VDD
VDD
LTC2157-14
AIN
+
21576514 F02
2pF
VDD
AIN
–
ENC–
ENC+
2pF
2pF
1.2V
10k
25Ω
25Ω
4.7Ω
4.7Ω
10Ω
0.1μF
10pF
0.1μF
LTC2157-14
IN
0.1μF
T1: MACOM ETC1-1T
21576514 F03
AIN
+
AIN
–
VCM
Figure 2. Equivalent Input Circuit. Only One
of Two Analog Channels Is Shown
Figure 3. Analog Input Circuit Using a Transformer.
Recommended for Input Frequencies from 5MHz to 70MHz
APPLICATIONS INFORMATION
Figure 4. Recommended Front-End Circuit for
Input Frequencies from 15MHz to 150MHz
45Ω
45Ω
10Ω
4.7Ω
4.7Ω
0.1μF
0.1μF
100Ω
IN
0.1μF
0.1μF
T1: MABA
007159-000000
T2: WBC1-1L
21576514 F04
LTC2157-14
AIN
+
AIN
–
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com