Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6409
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 2 Page - Linear Technology

  LTC6409 Datasheet HTML 1Page - Linear Technology LTC6409 Datasheet HTML 2Page - Linear Technology LTC6409 Datasheet HTML 3Page - Linear Technology LTC6409 Datasheet HTML 4Page - Linear Technology LTC6409 Datasheet HTML 5Page - Linear Technology LTC6409 Datasheet HTML 6Page - Linear Technology LTC6409 Datasheet HTML 7Page - Linear Technology LTC6409 Datasheet HTML 8Page - Linear Technology LTC6409 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
2
21576514fa
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VDD, OVDD................................................ –0.3V to 2V
Analog Input Voltage
AINA/B+, AINA/B–, PAR/SER,
SENSE (Note 3)........................ –0.3V to (VDD + 0.2V)
Digital Input Voltage
ENC+, ENC– (Note 3)................ –0.3V to (VDD + 0.3V)
CS, SDI, SCK (Note 4)........................... –0.3V to 3.9V
SDO (Note 4)............................................. –0.3V to 3.9V
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTC2157C, LTC2156C, LTC2155C ............ 0°C to 70°C
LTC2157I, LTC2156I, LTC2155I ............ –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
PIN CONFIGURATION
TOP VIEW
UP PACKAGE
64-LEAD (9mm
9mm) PLASTIC QFN
65
GND
VDD 1
VDD 2
GND 3
AINA
+ 4
AINA
– 5
GND 6
SENSE 7
VREF 8
GND 9
VCM 10
GND 11
AINB
– 12
AINB
+ 13
GND 14
VDD 15
VDD 16
48 OGND
47 DA4_5+
46 DA4_5–
45 DA2_3+
44 DA2_3–
43 DA0_1+
42 DA0_1–
41 CLKOUT+
40 CLKOUT–
39 DB12_13+
38 DB12_13–
37 DB10_11+
36 DB10_11–
35 DB8_9+
34 DB8_9–
33 OGND
TJMAX = 150°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2157CUP-14#PBF
LTC2157CUP-14#TRPBF
LTC2157UP-14
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2157IUP-14#PBF
LTC2157IUP-14#TRPBF
LTC2157UP-14
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LTC2156CUP-14#PBF
LTC2156CUP-14#TRPBF
LTC2156UP-14
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2156IUP-14#PBF
LTC2156IUP-14#TRPBF
LTC2156UP-14
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
LTC2155CUP-14#PBF
LTC2155CUP-14#TRPBF
LTC2155UP-14
64-Lead (9mm × 9mm) Plastic QFN
0°C to 70°C
LTC2155IUP-14#PBF
LTC2155IUP-14#TRPBF
LTC2155UP-14
64-Lead (9mm × 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com