Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6409
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6409 Datasheet HTML 17Page - Linear Technology LTC6409 Datasheet HTML 18Page - Linear Technology LTC6409 Datasheet HTML 19Page - Linear Technology LTC6409 Datasheet HTML 20Page - Linear Technology LTC6409 Datasheet HTML 21Page - Linear Technology LTC6409 Datasheet HTML 22Page - Linear Technology LTC6409 Datasheet HTML 23Page - Linear Technology LTC6409 Datasheet HTML 24Page - Linear Technology LTC6409 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
APPLICATIONS INFORMATION
Programmable LVDS Output Current
The default output driver current is 3.5mA. This current
can be adjusted by serially programming mode control
register A3 (see Table 3). Available current levels are
1.75mA, 2.1mA, 2.5mA, 3mA, 3.5mA, 4mA and 4.5mA.
Optional LVDS Driver Internal Termination
In most cases, using just an external 100Ω termination
resistor will give excellent LVDS signal integrity. In addi-
tion, an optional internal 100Ω termination resistor can
be enabled by serially programming mode control register
A3. The internal termination helps absorb any reflections
caused by imperfect termination at the receiver. When the
internal termination is enabled, the output driver current
is doubled to maintain the same output voltage swing.
Overflow Bit
The overflow output bit (OF) outputs a logic high when
the analog input is either overranged or underranged. The
overflow bit has the same pipeline latency as the data bits.
The OF output is double data rate; when CLKOUT+ is low,
channel A’s overflow is available; when CLKOUT+ is high,
channel B’s overflow is available.
Phase Shifting the Output Clock
To allow adequate set-up and hold time when latching the
output data, the CLKOUT+ signal may need to be phase
shifted relative to the data output bits. Most FPGAs have
this feature; this is generally the best place to adjust the
timing.
Alternatively, the ADC can also phase shift the CLKOUT+/
CLKOUT– signals by serially programming mode control
register A2. The output clock can be shifted by 0°, 45°,
90°, or 135°. To use the phase shifting feature the clock
duty cycle stabilizer must be turned on. Another con-
trol register bit can invert the polarity of CLKOUT+ and
CLKOUT–, independently of the phase shift. The combina-
tion of these two features enables phase shifts of 45° up
to 315° (Figure 11).
Figure 11. Phase Shifting CLKOUT
CLKOUT+
D0-D13, OF
PHASE
SHIFT
0°
45°
90°
135°
180°
225°
270°
315°
CLKINV
0
0
0
0
1
1
1
1
CLKPHASE1
MODE CONTROL BITS
0
0
1
1
0
0
1
1
CLKPHASE0
0
1
0
1
0
1
0
1
21576514 F11
ENC+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com