Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6409 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6409
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6409 Datasheet(HTML) 1 Page - Linear Technology

  LTC6409 Datasheet HTML 1Page - Linear Technology LTC6409 Datasheet HTML 2Page - Linear Technology LTC6409 Datasheet HTML 3Page - Linear Technology LTC6409 Datasheet HTML 4Page - Linear Technology LTC6409 Datasheet HTML 5Page - Linear Technology LTC6409 Datasheet HTML 6Page - Linear Technology LTC6409 Datasheet HTML 7Page - Linear Technology LTC6409 Datasheet HTML 8Page - Linear Technology LTC6409 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 14-Bit 250Msps/
210Msps/170Msps ADCs
n Communications
n Cellular Basestations
n Software Defined Radios
n Medical Imaging
n High Definition Video
n Testing and Measurement Instruments
n 70dB SNR
n 90dB SFDR
n Low Power: 650mW/616mW/567mW Total
n Single 1.8V Supply
n DDR LVDS Outputs
n Easy-to-Drive 1.5VP-P Input Range
n 1.25GHz Full Power Bandwidth S/H
n Optional Clock Duty Cycle Stabilizer
n Low Power Sleep and Nap Modes
n Serial SPI Port for Configuration
n Pin-Compatible 12-Bit Versions
n 64-Pin (9mm × 9mm) QFN Package
The LTC
®2157-14/LTC2156-14/LTC2155-14 are 2-channel
simultaneous sampling 250Msps/210Msps/170Msps
14-bit A/D converters designed for digitizing high fre-
quency, wide dynamic range signals. They are perfect
for demanding communications applications with AC
performance that includes 70dB SNR and 90dB spurious
free dynamic range (SFDR). The 1.25GHz input bandwidth
allows the ADC to undersample high frequencies with
good performance. The latency is only five clock cycles.
DC specs include ±0.85LSB INL (typ), ±0.25LSB DNL (typ)
and no missing codes over temperature. The transition
noise is 1.82LSBRMS.
The digital outputs are double data rate (DDR) LVDS.
The ENC+ and ENC– inputs can be driven differentially with
a sine wave, PECL, LVDS, TTL, or CMOS inputs. An optional
clock duty cycle stabilizer allows high performance at full
speed for a wide range of clock duty cycles.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
DA12_13
DA0_1
DB12_13
DB0_1
CLOCK
ANALOG
INPUT
21576514 TA01
DDR
LVDS
DDR
LVDS
VDD
OVDD
OGND
OGND
GND
CHANNEL A
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
ANALOG
INPUT
OVDD
CHANNEL B
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 TA01b
100
120
–20
LTC2157-14 32K Point FFT,
fIN = 15MHz, –1dBFS, 250Msps


Similar Part No. - LTC6409

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6409 LINER-LTC6409 Datasheet
439Kb / 24P
10GHz GBW, 1.1nV/Hz Differential Amplifier/ADC Driver
LTC6409 LINER-LTC6409 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6409 LINER-LTC6409 Datasheet
1,000Kb / 36P
300MHz Digital Predistortion Receiver
LTC6409 LINER-LTC6409 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
Differential Amplifier/ADC Driver
More results

Similar Description - LTC6409

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Intersil Corporation
ISLA224P INTERSIL-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
May 19, 2011
logo
Linear Technology
LTC2123 LINER-LTC2123_15 Datasheet
879Kb / 50P
Dual 14-Bit 250Msps ADC with JESD204B Serial Outputs
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com