Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2913
Description  36V Nano-Current Two Input Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC2960
12
2960f
When a supply voltage is abruptly connected to the input
resonant ringing can occur as a result of series inductance.
The peak voltage could rise to 2x the input supply but in
practice can reach 2.5x if a capacitor with a strong volt-
age coefficient is present. If a 12V supply is hot plugged
the resulting ringing could reach the abs max of VCC. Any
circuit with an input of more than 7V should be scrutinized
for ringing. Circuit board trace inductances of as little as
10nH can produce significant ringing.
One effective means to eliminate ringing is to include a
10–100Ω resistance in series with the supply input before
the VCCcapacitorshowninFigure7(b).Thisprovidesdamp-
ing for the resonant circuit but imposes a time constant to
VCC. In Figure 7(b), the time constant of RS and C1 is 2μs.
Figure 7. Operation with High Voltage Transients
and Hot Swapping
C1
0.1μF
50V
RZ
143k
PWC1206LF143kJ*
VCC
Z1
BZX84C30
BV = 30V
VIN MAX 200V
LTC2960
(a)
(b)
C1
0.1μF
50V
RS
20
VIN
VCC
LTC2960
2960 F07
*TT-IRC
TYPICAL APPLICATIONS
Figure 8. Configurable Regulator UVLO and Low Battery Indicator
Configurable Regulator UVLO and Low Battery
Indicator
In the circuit of Figure 8, the high voltage open drain
OUT output is used as a configurable UVLO signal for a
switching regulator. A Li-Ion battery can contain protec-
tion circuitry that open circuits its terminals through an
internal switch when it reaches 2.5V. With a threshold of
5.537V the LTC2960 OUT output disables the load before
this occurs in order to prevent damage to the batteries.
In addition to the UVLO signal, the LTC2960 provides a
low battery indicator for the system. Figure 9 shows an
alternative arrangement in which the LTC2960 monitors
the output of the 3.3V regulator to provide a reset signal.
LTC2960-1
LT3991
VIN
VCC
GND
VOUT
EN
ADJ
RT
GND
MR
IN+
RST
OUT
R3
5.11M*
Li-Ion
4.2V
Li-Ion
4.2V
R2
49.9k
VBAT
6V TO 8.4V
VOUT
3.3V
C1
0.1μF
25V
R1
348k
LOW BATTERY
R5
1M
R4
10M
2960 F08
C2
47μF
16V
UVLO FALLING THRESHOLD = 5.537V
RESET FALLING THRESHOLD = 6.33V
NOT ALL LT3991 COMPONENTS SHOWN
BUCK CONVERTER
+
+
*VISHAY-DALE CRCW SERIES 0603 1%
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com