Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2913
Description  36V Nano-Current Two Input Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 5 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2960
5
2960f
TYPICAL PERFORMANCE CHARACTERISTICS
MR Rising Threshold/Open
Voltage vs VCC
Normalized Reset Timeout Period
vs Temperature
Comparator Overvoltage/
Undervoltage Glitch Immunity
ADJ, IN+, INThreshold
vs Temperature
Voltage Output HIGH vs
Pull-Down Current (RST/OUT)
Voltage Output LOW vs
Pull-Up Current (RST/OUT)
Voltage Output HIGH vs
Pull-Down Current (RST/OUT)
VCC (V)
2.5
0.4
2.4
1.9
1.4
0.9
4.5
3.5
4.0
3.0
5.0
2960 G04
MR OPEN VOLTAGE 27°C
MR INPUT THRESHOLD 27°C
TEMPERATURE (°C)
–50
0.7
1.3
1.1
1.2
0.9
1.0
0.8
100
50
75
025
–25
125
2960 G05
VCC = 7V
COMPARATOR OVERDRIVE (%)
0.1
0.0
4.0
3.0
1.0
2.0
10
1
100
2960 G06
ADJ/IN+/IN
VCC = 7V
TEMPERATURE (°C)
–50
370
430
410
420
400
390
380
75
50
25
–25
100
0
125
2960 G07
V+HYS
VRHYS
VTH
V–HYS
PULL-DOWN CURRENT(mA)
0
0
3.5
2.0
3.0
1.5
2.5
1.0
0.5
–0.6
–0.4
–0.2
–0.8
2960 G08
–45°C
27°C
90°C
125°C
VCC =7V
DVCC =3.3V
PULL-UP CURRENT (mA)
0
0
2.0
1.6
1.2
0.8
0.4
3
2
14
5
2960 G09
VCC =7V
DVCC =3.3V
–45°C
27°C
90°C
125°C
PULL-DOWN CURRENT(μA)
0
0
2.0
1.6
1.2
0.8
0.4
–40
–20
–60
–80
2960 G08
–45°C
27°C
90°C
125°C
VCC =7V
DVCC =1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com