Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2913
Description  36V Nano-Current Two Input Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 3 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2960
3
2960f
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2960CTS8-1#TRMPBF
LTC2960CTS8-1#TRPBF
LTFZY
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2960ITS8-1#TRMPBF
LTC2960ITS8-1#TRPBF
LTFZY
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2960HTS8-1#TRMPBF
LTC2960HTS8-1#TRPBF
LTFZY
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC2960CTS8-2#TRMPBF
LTC2960CTS8-2#TRPBF
LTGBB
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2960ITS8-2#TRMPBF
LTC2960ITS8-2#TRPBF
LTGBB
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2960HTS8-2#TRMPBF
LTC2960HTS8-2#TRPBF
LTGBB
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC2960CTS8-3#TRMPBF
LTC2960CTS8-3#TRPBF
LTFSD
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2960ITS8-3#TRMPBF
LTC2960ITS8-3#TRPBF
LTFSD
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2960HTS8-3#TRMPBF
LTC2960HTS8-3#TRPBF
LTFSD
8-Lead Plastic TSOT-23
–40°C to 125°C
LTC2960CTS8-4#TRMPBF
LTC2960CTS8-4#TRPBF
LTGBD
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2960ITS8-4#TRMPBF
LTC2960ITS8-4#TRPBF
LTGBD
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2960HTS8-4#TRMPBF
LTC2960HTS8-4#TRPBF
LTGBD
8-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C, VCC = 7V, DVCC = 3.3V unless otherwise noted (Note 2).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Input Supply Operating Range
l
2.5
36
V
VUVLO
VCC Undervoltage Lockout
VCC Undervoltage Lockout Hysteresis
VCC Rising
l
1.85
100
2.3
V
mV
ICC
VCC Input Supply Current
MR = 5V, VCC = 36V, –40°C ≤ TA ≤ 85°C
MR = 5V, VCC = 36V, –40°C ≤ TA ≤ 125°C
l
l
400
400
850
850
1250
2000
nA
nA
DVCC
DVCC Input Supply Operating Range
l
1.6
5.5
V
IDVCC
DVCC Input Current
RST = OUT = LOW DVCC = 5.5V
l
±50
nA
THRESHOLD ADJUSTMENT INPUTS: ADJ, IN+/IN–
VTH
ADJ/IN+ Input Threshold
IN– Input Threshold
Monitored Voltage Falling
Monitored Voltage Rising
l
l
394
394
400
400
406
406
mV
mV
VTHM
ADJ to IN+/IN– Threshold Matching
l
±2
±6
mV
VRHYS
ADJ Threshold Hysteresis
Monitored Voltage Rising
l
810
15
mV
V+HYS
IN+ Threshold Hysteresis
Monitored Voltage Rising
l
18
20
25
mV
V–HYS
IN– Threshold Hysteresis
Monitored Voltage Falling
l
18
20
25
mV
tUV
Under Voltage Detect to RST, OUT Falling
V = VTH–40mV
l
80
170
500
μs
ITH(LKG)
Input Leakage Current
V = 420mV, –40°C≤ TA≤ 85°C
V = 420mV, –40°C ≤TA≤ 125°C
l
l
±0.1
±0.1
±1
±10
nA
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com