Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2913
Description  36V Nano-Current Two Input Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 4 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2960
4
2960f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
l denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C, VCC = 7V, DVCC = 3.3V unless otherwise noted (Note 2).
Note 2. All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
MR Current vs MR Voltage
Supply Current vs MR Voltage
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CONTROL INPUTS: MR, RT
VRT
Control Input Threshold RT
l
0.4
1.4
V
VMR
Control Input Threshold MR
l
0.4
1.4
V
tPW
MR Minimum Detectable Pulse Width
l
20
μs
tPD
Propagation Delay to RST Falling
Manual Reset Falling
l
1
7
20
μs
VMR
Manual Reset Open Voltage
MR Open, MR Load = 100nA
l
2.6
4
V
IMR
Manual Reset Low Current
MR = 400mV, VCC ≥ 2.5V
l
–0.35
–1
–3
μA
ILK
Input Leakage Current
RT = 15V
MR = 15V
l
l
±100
±100
nA
nA
STATUS OUTPUTS: RST, OUT
VOL
Voltage Output Low
VCC = 1.2V, I = 10μA (LTC2960-1/LTC2960-3)
VCC = 3V, I = 500μA
l
l
25
100
100
400
mV
mV
VOH
Voltage Output High
I = –100μA (LTC2960-3/LTC2960-4)
l 0.7•DVCC
V
IOH
Leakage Current, Output High
V = 5.5V
V = 15V (LTC2960-1/LTC2960-2)
V = 5.5V, DVCC = GND
l
l
l
±50
±100
±50
nA
nA
nA
ISC
Output Short-Circuit Current
RST = GND DVCC = 6V (LTC2960-3/ LTC2960-4)
OUT = GND DVCC = 6V (LTC2960-3/ LTC2960-4)
l
l
0.8
0.8
3
3
mA
mA
tRST
Reset Timeout Period
LTC2960-3/LTC2960-4
RT Input High
RT Input Low
l
l
l
140
140
10
200
200
15
280
280
25
ms
ms
ms
VCC(V)
0
0
1200
900
600
300
1500
24
32
40
816
2960 G01
125°C
90°C
27°C
–45°C
MR VOLTAGE (V)
0
0
1.2
1.0
0.8
0.6
0.4
0.2
4
3
2
15
2960 G02
VCC = 2.5V
VCC = 7V
MR VOLTAGE (V)
0
0
2.5
2.0
1.5
1.0
0.5
4
3
2
15
2960 G03
VCC = 2.5V
VCC = 7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com