Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1054 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1054
Description  High Voltage, Low Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054 Datasheet(HTML) 1 Page - Linear Technology

  LT1054 Datasheet HTML 1Page - Linear Technology LT1054 Datasheet HTML 2Page - Linear Technology LT1054 Datasheet HTML 3Page - Linear Technology LT1054 Datasheet HTML 4Page - Linear Technology LT1054 Datasheet HTML 5Page - Linear Technology LT1054 Datasheet HTML 6Page - Linear Technology LT1054 Datasheet HTML 7Page - Linear Technology LT1054 Datasheet HTML 8Page - Linear Technology LT1054 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3261
1
3261f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Voltage,
Low Quiescent Current
Inverting Charge Pump
The LTC®3261 is a high voltage inverting charge pump
that operates over a wide 4.5V to 32V input range and
is capable of delivering up to 100mA of output current.
The charge pump employs either low quiescent current
Burst Mode operation or low noise constant frequency
mode. In Burst Mode operation the charge pump VOUT
regulates to –0.94 • VIN and the LTC3261 draws only 60μA
of quiescent current. In constant frequency mode the charge
pump produces an output equal to –VIN and operates at
a fixed 500kHz or to a programmed frequency between
50kHz to 500kHz using an external resistor. The LTC3261
is available in a thermally enhanced 12-pin MSOP package.
APPLICATIONS
n 4.5V to 32V VIN Range
n Inverting Charge Pump Generates –VIN
n 60μA Quiescent Current in Burst Mode® Operation
n Charge Pump Output Current Up to 100mA
n 50kHz to 500kHz Programmable Oscillator
Frequency
n Short-Circuit/Thermal Protection
n Low Profile Thermally Enhanced 12-Pin MSOP
Package
n Bipolar/Inverting Supplies
n Industrial/Instrumentation Bias Generators
n Portable Medical Equipment
n Portable Instruments
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
15V to –15V Inverter
10μF
10μF
–15V
3261 TA01
VOUT
15V
LTC3261
GND
VIN
MODE
C–
RT
EN
C+
1μF
VOUT Ripple
100μs/DIV
VOUT
10mV/DIV
AC-COUPLED
VOUT = –14.8V
VOUT = –14.1V
MODE = L
MODE = H
VOUT
200mV/DIV
AC-COUPLED
3261 TA01a
VIN = 15V
fOSC = 500kHz
IOUT = 5mA


Similar Part No. - LT1054

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
444Kb / 26P
SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
logo
Linear Technology
LT1054 LINER-LT1054 Datasheet
228Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
436Kb / 27P
SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
logo
Linear Technology
LT1054 LINER-LT1054 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
More results

Similar Description - LT1054

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
logo
Global Mixed-mode Techn...
G921 GMT-G921 Datasheet
62Kb / 1P
Low Quiescent Current Voltage Regulator
G920 GMT-G920 Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
logo
Will Semiconductor Ltd.
WL2851E WILLSEMI-WL2851E Datasheet
631Kb / 9P
High Input Voltage, Low Quiescent Current LDO
WL2851K WILLSEMI-WL2851K Datasheet
513Kb / 9P
High Input Voltage, Low Quiescent Current LDO
WL2852K WILLSEMI-WL2852K Datasheet
919Kb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2853K WILLSEMI-WL2853K Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2861K WILLSEMI-WL2861K Datasheet
574Kb / 10P
High Input Voltage, Low Quiescent Current LDO
WL2862E WILLSEMI-WL2862E Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
WL2862K WILLSEMI-WL2862K Datasheet
1Mb / 12P
High Input Voltage, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com