Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1054 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1054
Description  High Voltage, Low Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054 Datasheet(HTML) 3 Page - Linear Technology

  LT1054 Datasheet HTML 1Page - Linear Technology LT1054 Datasheet HTML 2Page - Linear Technology LT1054 Datasheet HTML 3Page - Linear Technology LT1054 Datasheet HTML 4Page - Linear Technology LT1054 Datasheet HTML 5Page - Linear Technology LT1054 Datasheet HTML 6Page - Linear Technology LT1054 Datasheet HTML 7Page - Linear Technology LT1054 Datasheet HTML 8Page - Linear Technology LT1054 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3261
3
3261f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = EN = 12V, MODE = 0V, RT = 200kΩ.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Charge Pump
VIN
Input Voltage Range
l
4.5
32
V
VUVLO
VIN Undervoltage Lockout Threshold
VIN Rising
VIN Falling
l
l
3.4
3.8
3.6
4V
V
IVIN
VIN Quiescent Current
Shutdown, = EN = 0V
MODE = VIN, IVOUT = 0mA
MODE = 0V, IVOUT = 0mA
2
60
3.5
5
120
5.5
μA
μA
mA
VRT
RT Regulation Voltage
1.200
V
VOUT
VOUT Regulation Voltage
MODE = 12V
MODE = 0V
–0.94 • VIN
–VIN
V
V
fOSC
Oscillator Frequency
RT = GND
450
500
550
KHz
ROUT
Charge Pump Output Impedance
MODE = 0V, RT = GND
32
Ω
ISHORT_CKT
Max IVOUT Short-Circuit Current
VOUT = GND, RT = GND
l
100
160
250
mA
VMODE(H)
MODE Threshold Rising
l
1.1
2
V
VMODE(L)
MODE Threshold Falling
l
0.4
1.0
V
IMODE
MODE Pin Internal Pull-Down Current
VIN = MODE = 32V
0.7
μA
VEN(H)
EN Threshold Rising
l
1.1
2
V
VEN(L)
EN Threshold Falling
l
0.4
1.0
V
IEN
EN Pin Internal Pull-Down Current
VIN = EN = 32V
0.7
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3261 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3261E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3261I is guaranteed over the –40°C to 125°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater
than 125°C. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA),
where θJA = 40°C/W is the package thermal impedance.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 150°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com