Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1054 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1054
Description  High Voltage, Low Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054 Datasheet(HTML) 5 Page - Linear Technology

  LT1054 Datasheet HTML 1Page - Linear Technology LT1054 Datasheet HTML 2Page - Linear Technology LT1054 Datasheet HTML 3Page - Linear Technology LT1054 Datasheet HTML 4Page - Linear Technology LT1054 Datasheet HTML 5Page - Linear Technology LT1054 Datasheet HTML 6Page - Linear Technology LT1054 Datasheet HTML 7Page - Linear Technology LT1054 Datasheet HTML 8Page - Linear Technology LT1054 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3261
5
3261f
TYPICAL PERFORMANCE CHARACTERISTICS
Voltage Loss (VIN – |VOUT|)
vs Output Current
(Constant Frequency Mode)
(TA = 25°C, CFLY = 1μF, CIN = COUT = 10μF unless otherwise noted)
Effective Open-Loop Resistance
vs Supply Voltage
Average Input Current
vs Output Current
VOUT Load Transient Burst Mode
Operation (MODE = H)
VOUT Ripple
VOUT Transient
(MODE = Low to High)
OUTPUT CURRENT (mA)
0.1
0.0
3.0
2.0
2.5
1.0
0.5
1.5
1
100
10
3261 G09
fOSC = 500kHz
fOSC = 200kHz
fOSC = 50kHz
VIN = 12V
SUPPLY VOLTAGE (V)
0
0
90
70
80
50
40
30
20
10
60
5
101520
35
25
30
3261 G10
fOSC = 200kHz
fOSC = 500kHz
VOUT
500mV/DIV
AC-COUPLED
2ms/DIV
3261 G11
VIN = 12V
fOSC = 500kHz
–5mA
IOUT
–50mA
VOUT
500mV/DIV
AC-COUPLED
2ms/DIV
3261 G12
VIN = 12V
fOSC = 500kHz
IOUT = –5mA
MODE
OUTPUT CURRENT (mA)
0.1
0.1
100
10
1
1
100
10
3261 G13
MODE = L
MODE = H
VIN = 12V
fOSC = 500kHz
100μs/DIV
VOUT
10mV/DIV
AC-COUPLED
VOUT
200mV/DIV
AC-COUPLED
3261 G14
VIN = 15V
fOSC = 500kHz
IOUT = 5mA
MODE = L
MODE = H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com