Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1054 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1054
Description  High Voltage, Low Quiescent Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054 Datasheet(HTML) 4 Page - Linear Technology

  LT1054 Datasheet HTML 1Page - Linear Technology LT1054 Datasheet HTML 2Page - Linear Technology LT1054 Datasheet HTML 3Page - Linear Technology LT1054 Datasheet HTML 4Page - Linear Technology LT1054 Datasheet HTML 5Page - Linear Technology LT1054 Datasheet HTML 6Page - Linear Technology LT1054 Datasheet HTML 7Page - Linear Technology LT1054 Datasheet HTML 8Page - Linear Technology LT1054 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3261
4
3261f
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency
vs Supply Voltage
Effective Open-Loop Resistance
vs Temperature
Quiescent Current
vs Supply Voltage
(Constant Frequency Mode)
Quiescent Current vs Temperature
(Constant Frequency Mode)
Oscillator Frequency vs RT
VOUT Short-Circuit Current
vs Supply Voltage
VOUT Short Circuit Current
vs Temperature
Shutdown Current vs Temperature
Quiescent Current vs Temperature
(Burst Mode Operation)
(TA = 25°C, CFLY = 1μF, CIN = COUT = 10μF unless otherwise noted)
SUPPLY VOLTAGE (V)
0
0
500
600
400
300
200
100
20
25
30
10
15
535
3261 G01
RT = GND
RT = 200kΩ
RT (kΩ)
1
0
500
600
400
300
200
100
100
1000
10
10000
3261 G02
TEMPERATURE (°C)
–50
0
25
20
15
10
5
50
25
100
75
0
–25
150
125
3261 G03
VIN = 5V
VIN = 12V
VIN = 32V
TEMPERATURE (°C)
–50
0
140
100
120
60
80
40
20
50
25
100
75
0
–25
150
125
3261 G04
RT = GND
VIN = 32V
VIN = 12V
VIN = 5V
SUPPLY VOLTAGE (V)
0
0
14
10
12
6
8
4
2
15
10
25
20
535
30
3261 G05
fOSC = 50kHz
fOSC = 200kHz
fOSC = 500kHz
TEMPERATURE (°C)
–50
0
9
7
8
5
6
4
3
2
1
50
25
0
100
75
–25
150
125
3261 G06
fOSC = 50kHz
fOSC = 200kHz
fOSC = 500kHz
VIN = 12V
TEMPERATURE (°C)
–50
20
60
50
55
40
45
35
30
25
50
25
0
100
75
–25
150
125
3261 G07
VIN = 12V
VIN = 25V
VIN = 32V
fOSC = 500kHz
SUPPLY VOLTAGE (V)
0
0
250
150
200
50
100
15
10
525
20
35
30
3261 G08
fOSC = 500kHz
fOSC = 200kHz
TEMPERATURE (°C)
–50
100
200
180
160
140
120
–25
0
25
50
125
75
100
3261 G8b
VIN = 12V
RT = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com