Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3415 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3415
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3415 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3415 Datasheet HTML 25Page - Linear Technology LTC3415 Datasheet HTML 26Page - Linear Technology LTC3415 Datasheet HTML 27Page - Linear Technology LTC3415 Datasheet HTML 28Page - Linear Technology LTC3415 Datasheet HTML 29Page - Linear Technology LTC3415 Datasheet HTML 30Page - Linear Technology LTC3415 Datasheet HTML 31Page - Linear Technology LTC3415 Datasheet HTML 32Page - Linear Technology LTC3415 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC3613
29
3613fa
APPLICATIONS INFORMATION
VRNG
SVIN
PVIN
MODE/PLLIN
VOUT
PGOOD
RUN
SENSE–
SENSE+
RPGD
100k
RF1
10Ω
RF2
10Ω
INTVCC
RVIN
2.2Ω
LTC3613
RFB2
15k
RFB1
10k
CIN1: SANYO 25SVPD82M
COUT1: SANYO 2R5TPE330M9
DB: CENTRAL CMDSH-3
L1: COILTRONICS FP1109-R47
DB
INTVCC
COUT1
330μF
2.5V
×2
COUT2
100μF
×2
L1
0.47μH
RSENSE
1.5mΩ
CB
0.1μF
CIN2
22μF
×2
CIN1
82μF
25V
VOUT
1.5V
15A
3833 F11
VIN
4.5V TO 24V
CVIN
0.1μF
CF
1000pF
CVCC
4.7μF
TRACK/SS
ITH
RT
RT 115k
CITH1 270pF
CITH2 47pF
CSS 0.1μF
RITH 21k
EXTVCC
SGND
BOOST
SW
INTVCC
PGND
VOSNS
+
VOSNS
–
+
+
Efficiency
Figure 10. 1.5V, 15A, 350kHz High Current Step-Down Converter
LOAD CURRENT (A)
0.1
40
80
90
100
1
10
100
3613 F11a
70
60
50
PULSE-SKIPPING
MODE
FORCED
CONTINUOUS
MODE
VIN = 12V
VOUT = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com