Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3415 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3415
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3415 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3415 Datasheet HTML 26Page - Linear Technology LTC3415 Datasheet HTML 27Page - Linear Technology LTC3415 Datasheet HTML 28Page - Linear Technology LTC3415 Datasheet HTML 29Page - Linear Technology LTC3415 Datasheet HTML 30Page - Linear Technology LTC3415 Datasheet HTML 31Page - Linear Technology LTC3415 Datasheet HTML 32Page - Linear Technology LTC3415 Datasheet HTML 33Page - Linear Technology LTC3415 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC3613
30
3613fa
Efficiency
SVIN
PVIN
VOUT
PGOOD
RUN
VRNG
SENSE–
SENSE+
RPGD
100k
INTVCC
RITH
49.9k
30.9k
10k
RT
205k
RVIN
2.2Ω
RDCR
8.25k
RB
10Ω
LTC3613
COUT1
330μF
6.3V
×2
CIN1: NICHICON UCJ1H101MCL1GS
COUT1: SANYO 6TPE330MIL
DB: DIODES INC. SDM10K45
L1: COILCRAFT XAL1010-472ME
COUT2
100μF
×2
RFB2
147k
RFB1
20k
L1
4.7μH
DB
CSS
0.1μF
CITH1
1000pF
CVIN
0.1μF
3613 TA02
VIN
7V TO 24V
VOUT
5V
8A
CDCR
0.1μF
CB
0.1μF
CVCC
4.7μF
TRACK/SS
ITH
RT
MODE/PLLIN
EXTVCC
SGND
BOOST
SW
INTVCC
INTVCC
PGND
VOSNS
+
VOSNS
–
CIN2
10μF
×3
CIN1
100μF
50V
+
+
LOAD CURRENT (A)
0.01
0.1
70
90
95
100
110
3613 TA03
85
80
75
FORCED
CONTINUOUS
MODE
PULSE-SKIPPING
MODE
VIN = 12V
VOUT = 5V
VIN = 12V
VOUT = 5V
TYPICAL APPLICATIONS
Figure 11. 5V, 8A, 200kHz High Efficiency Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com