Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3415 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC3415
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3415 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC3415 Datasheet HTML 28Page - Linear Technology LTC3415 Datasheet HTML 29Page - Linear Technology LTC3415 Datasheet HTML 30Page - Linear Technology LTC3415 Datasheet HTML 31Page - Linear Technology LTC3415 Datasheet HTML 32Page - Linear Technology LTC3415 Datasheet HTML 33Page - Linear Technology LTC3415 Datasheet HTML 34Page - Linear Technology LTC3415 Datasheet HTML 35Page - Linear Technology LTC3415 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
LTC3613
34
3613fa
PACKAGE DESCRIPTION
7.00
BSC
9.00
BSC
17
19
28
BOTTOM VIEW
(BOTTOM METALLIZATION DETAILS)
TOP VIEW
0.50 BSC
0.90
± 0.10
// ccc C
0.00 – 0.05
MLP56 QFN REV Ø 0310
NX b
SEATING PLANE
5
6
4
0.08 C
aaa C
NX
A
B
2x
45
1
12
29
44
NOTE:
1. DIMENSIONING AND TOLERANCING CONFORM TO ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS, ANGLES ARE IN DEGREES (
°)
3
THE LOCATION OF THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING
CONVENTION CONFORMS TO JEDEC PUBLICATION 95 SPP-002
4
DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED
BETWEEN 0.20mm AND 0.30mm FROM THE TERMINAL TIP. IF THE TERMINAL
HAS THE OPTIONAL RADIUS ON THE OTHER END OF THE TERMINAL, THE
DIMENSION b SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
5
COPLANARITY APPLIES TO THE TERMINALS AND ALL OTHER SURFACE
METALLIZATION
6
DRAWING SHOWN ARE FOR ILLUSTRATION ONLY
SYMBOL
aaa
bbb
ccc
TOLERANCE
0.15
0.10
0.10
PAD 1
CORNER
RECOMMENDED SOLDER PAD LAYOUT
TOP VIEW
0.50 BSC
2.90 REF
2.63 REF
1.97
± 0.10
1.97
± 0.05
3.15
± 0.10
3.15
± 0.05
PIN 1 ID
7.50
± 0.05
9.50
± 0.05
PACKAGE
OUTLINE
0.40
± 0.05
4.06
± 0.10
3.82 REF
4.06
± 0.05
3.82 REF
PIN 1
4.76
± 0.10
1.50 REF
1.78
REF
4.27
± 0.10
4.27
± 0.05
1.35
± 0.05
2.25
± 0.10
0.25
± 0.05
1.78
REF
1.35
± 0.05
0.25
± 0.05
0.40
± 0.05
16
56
2.63 REF
2.90 REF
4.76
± 0.05
3.82 REF
0.58
± 0.05
0.95
REF
3
WKH Package
56-Lead QFN Multipad (7mm
× 9mm)
(Reference LTC DWG # 05-08-1870 Rev Ø)
2.25
± 0.05
1.50 REF
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com