Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3415 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3415
Description  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3415 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3415 Datasheet HTML 27Page - Linear Technology LTC3415 Datasheet HTML 28Page - Linear Technology LTC3415 Datasheet HTML 29Page - Linear Technology LTC3415 Datasheet HTML 30Page - Linear Technology LTC3415 Datasheet HTML 31Page - Linear Technology LTC3415 Datasheet HTML 32Page - Linear Technology LTC3415 Datasheet HTML 33Page - Linear Technology LTC3415 Datasheet HTML 34Page - Linear Technology LTC3415 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LTC3613
31
3613fa
TYPICAL APPLICATIONS
Figure 12. 0.6V, 10A, 200kHz Low Output Voltage Step-Down Converter
SVIN
PVIN
VOUT
PGOOD
MODE/PLLIN
VRNG
RUN
SENSE–
SENSE+
RPGD
100k
INTVCC
RITH
17.4k
RT
205k
CSS
0.1μF
CITH1
470pF
LTC3613
COUT2
100μF
×2
COUT1
330μF
2.5V
×2
L1
1μH
RSENSE
3mΩ
CB
0.1μF
CIN2
10μF
×3
VOUT
0.6V
10A
3613 TA04
VIN
4.5V TO 14V
CF
1000pF
CVCC
4.7μF
DB
TRACK/SS
ITH
RT
EXTVCC
SGND
BOOST
SW
INTVCC
INTVCC
PGND
VOSNS
+
VOSNS
–
RVIN
2.2Ω
RF2
10Ω
RF1
10Ω
CVIN
0.1μF
CIN1: SANYO 25SVPD82M
COUT: SANYO 2R5TPE330M9
DB: DIODES INC. SDM10K45
L1: IHLP-2525EZERR82M01
+
CIN1
82μF
25V
+
LOAD CURRENT (A)
0
10
50
40
20
30
100
80
90
70
60
3613 TA05
0.01
10
0.10
1
VIN = 12V
VOUT = 0.6V
FORCED
CONTINUOUS
MODE
PULSE-SKIPPING
MODE
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com