Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 7Page - Linear Technology LTC3589 Datasheet HTML 8Page - Linear Technology LTC3589 Datasheet HTML 9Page - Linear Technology LTC3589 Datasheet HTML 10Page - Linear Technology LTC3589 Datasheet HTML 11Page - Linear Technology LTC3589 Datasheet HTML 12Page - Linear Technology LTC3589 Datasheet HTML 13Page - Linear Technology LTC3589 Datasheet HTML 14Page - Linear Technology LTC3589 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
11
3589fe
TYPICAL PERFORMANCE CHARACTERISTICS
Buck-Boost Switching Regulator
Soft-Start
Dynamic Voltage Slew
Step-Down Switching Regulator 1
Load Step
Buck-Boost Switching Regulator 1
Load Step
Maximum Buck-Boost Load
Current vs VIN
Step-Down Switching Regulator 1
Load Step
3589 G19
100μs/DIV
1V/DIV
500mA/DIV
VOUT
IL
3589 G20
200μs/DIV
1V/DIV
5V/DIV
5V/DIV
VOUT
VSTB
PGOOD
VRRCR = 1.75mV/μs
3589 G21
40μs/DIV
VOUT
ILOAD
LOAD CAPACITANCE = 44μF
50mV/DIV
1A/DIV
PULSE-SKIPPING MODE
3589 G22
40μs/DIV
VOUT
ILOAD
LOAD CAPACITANCE = 44μF
50mV/DIV
1A/DIV
Burst Mode OPERATION
VIN (V)
2.5
4.0
3589 G24
1.5
0.5
3.0
3.5
4.5
0
2.5
2.0
1.0
5.0
5.5
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5V
3589 G23
40μs/DIV
VOUT
ILOAD
200mV/DIV
1A/DIV
LOAD CAPACITANCE = 22μF
VIN = 3.8V, TA = 25°C, unless otherwise noted.
LDO1 Dropout Voltage
vs Temperature
LDO1 Output Change vs VIN
LDO1 Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
–50
75
100
3589 G27
60
70
80
30
50
40
–25
0
25
50
20
150
125
VIN (V)
2
3589 G26
0.0
0.5
–1.5
–0.5
–1.0
34
–2.0
5
VLDO1 = 25mA
VLDO1 = 1.2V
VLDO1 = 1.8V
VLDO1 = 2.8V
VLDO1 = 3.3V
TEMPERATURE (°C)
–50
75
100
3589 G25
400
500
100
300
200
–25
0
25
50
0
150
125
VLDO1 = 1.8V
VLDO1 = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com