Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 14Page - Linear Technology LTC3589 Datasheet HTML 15Page - Linear Technology LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology LTC3589 Datasheet HTML 18Page - Linear Technology LTC3589 Datasheet HTML 19Page - Linear Technology LTC3589 Datasheet HTML 20Page - Linear Technology LTC3589 Datasheet HTML 21Page - Linear Technology LTC3589 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
18
3589fe
undervoltage threshold in effect for the rest of the LTC3589
circuits. The always-on LDO is used to provide power to
a standby microcontroller, real-time clock, or other keep-
alive circuits. The LDO is guaranteed to support a 25mA
load. A 1μF low impedance ceramic bypass capacitor from
LDO1_STBY to GND is required for compensation. A power
good monitor pulls RSTO LOW for a minimum of 14ms
(typical) whenever LDO1_STBY is 8% below its regulation
target. An LDO1_STBY undervoltage condition is reported
in the PGOOD status register. The output voltage of LDO1
is set with a resistor divider connected from LDO1_STBY
to the feedback pin LDO1_FB, as shown in Figure 1.
VLDO_STBY =0.8 • 1+
R1
R2
(V)
Typical values for R1 are in the range of 40k to 1M.
LDO1_STBY is protected from short-circuits and over-
loading.
250mA LDO REGULATORS
Three LDO regulators on the LTC3589 will each deliver
up to 250mA output. The LDO regulators are enabled by
pin input or I2C command register. Pin EN_LDO2 enables
LDO2 and the LTC3589 EN_LDO34 pin enables LDO3 and
LDO4 together. An I2C command register bit is available to
decouple LDO4 from pin EN_LDO34 so that LDO4 is under
command register control only. The LTC3589-1/LTC3589-2
EN_LDO3 pin enables LDO3 only. LDO4 is controlled using
the I2C command registers. All the regulators have current
OPERATION
3589 F02
PVIN
0.3625V
TO 0.75V
EA
FB
LDO2
R1
1μF
R2
DAC
5
Figure 2. LDO2 Application Circuit
+
3589 F01
VIN
0.8V
LDO1_FB
LDO1_STBY
R1
1μF
R2
Figure 1. Always-On LDO Application Circuit
limit protection circuits. Default operation for the LTC3589
is when an LDO regulator is disabled, a 2.5k pull-down
resistor is connected to its output.
To help reduce LDO power loss in the system, the regula-
tors have dedicated supply inputs that may be lower than
the main VIN supply. Connect a low ESR 1μF capacitor to
each of the output pins LDO2, LDO3, and LDO4.
LDO Regulator 2
One of the LTC3589 dynamic slewing DACs serves as the
reference input of LDO2. The output range of LDO2 is set
using an external resistor divider connected from LDO2
to the feedback pin LDO2_FB, as shown in Figure 2. Set
the output voltage of LDO2 using the following formula:
VOUT = 1+
R1
R2
• (0.3625+L2DTVx • 0.0125)
L2DTVx is the five bit word contained in the LDO2 dynamic
target voltage 1 (L2DTV1) or the LDO2 dynamic target
voltage 2 (L2DTV2) command registers. The default value
of L2DTVx[4-0] is 11001 to output a reference voltage
of 0.675V. LDO2 is enabled by writing bit 4 in the output
voltage enable (OVEN) command register to 1 or driving
the LDO2_EN pin high. Whenever the command is given to
slew LDO2 DAC reference to a lower voltage an integrated
2.5k pull-down resistor is connected to LDO2 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com