Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 34Page - Linear Technology LTC3589 Datasheet HTML 35Page - Linear Technology LTC3589 Datasheet HTML 36Page - Linear Technology LTC3589 Datasheet HTML 37Page - Linear Technology LTC3589 Datasheet HTML 38Page - Linear Technology LTC3589 Datasheet HTML 39Page - Linear Technology LTC3589 Datasheet HTML 40Page - Linear Technology LTC3589 Datasheet HTML 41Page - Linear Technology LTC3589 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
38
3589fe
OPERATION
Table 17. LTC3589 Command Register Table
REG
NAME
B[7]
B[6]
B[5]
B[4]
B[3]
B[2]
B[1]
B[0]
DEFAULT
0x07
SCR1
Buck-Boost
Mode:
0 = Continuous
1 = Burst Mode
Step-Down Switching
Regulator 3 Mode :
0 0 = Pulse-Skipping
0 1 = Burst
1 0 = Forced Continuous
Step-Down Switching
Regulator 2 Mode :
0 0 = Pulse-Skipping
0 1 = Burst
1 0 = Forced Continuous
Step-Down Switching
Regulator 1 Mode :
0 0 = Pulse-Skipping
0 1 = Burst
1 0 = Forced Continuous
0000 0000
0x10
OVEN
Software
Control Mode:
0 = Enable
with Pin or
OVEN Register
1 = Enable/
Disable with
OVEN Register
Only
EN_LDO4
EN_LDO3
EN_LDO2
EN4
EN3
EN2
EN1
0000 0000
0x12
LTC3589
SCR2
Mask PGOOD
Hard
Shutdown:
0 = Allow
PGOOD
Timeout Hard
Shutdown.
1 = Inhibit
PGOOD Hard
Shutdown.
LDO4
Start-Up:
0 = Wait for
Output < 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
LDO3
Start-Up:
0 = Wait
for Output
< 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
LDO2
Start-Up:
0 = Wait for
Output <
300mV Before
Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
Buck-Boost
Start-Up:
0 = Wait
for Output
< 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
Step-Down
Switching
Regulator 3
Start-Up:
0 = Wait
for Output
< 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
Step-Down
Switching
Regulator 2
Start-Up:
0 = Wait
for Output
< 300mV Before
Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
Step-Down
Switching
Regulator 1
Start-Up:
0 = Wait
for Output
< 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
0000 0000
0x12
LTC3589-1
SCR2
Mask PGOOD
Hard
Shutdown:
0 = Inhibit
PGOOD
Timeout Hard
Shutdown.
1 = Allow
PGOOD Hard
Shutdown.
LDO4
Start-Up:
0 = Wait for
Output < 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
LDO3
Start-Up:
0 = Wait
for Output
< 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
LDO2
Start-Up:
0 = Wait for
Output <
300mV Before
Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
Buck-Boost
Start-Up:
0 = Wait
for Output
< 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
Step-Down
Switching
Regulator 3
Start-Up:
0 = Wait
for Output
< 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
Step-Down
Switching
Regulator 2
Start-Up:
0 = Wait
for Output
< 300mV Before
Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
Step-Down
Switching
Regulator 1
Start-Up:
0 = Wait
for Output
< 300mV
Before Enable
1 = Don’t Wait
and Disable
Discharge
Resistor.
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com