Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 44 Page - Linear Technology

Part # LTC3589
Description  8-Output Regulator with Sequencing and I2C
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 44 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 40Page - Linear Technology LTC3589 Datasheet HTML 41Page - Linear Technology LTC3589 Datasheet HTML 42Page - Linear Technology LTC3589 Datasheet HTML 43Page - Linear Technology LTC3589 Datasheet HTML 44Page - Linear Technology LTC3589 Datasheet HTML 45Page - Linear Technology LTC3589 Datasheet HTML 46Page - Linear Technology LTC3589 Datasheet HTML 47Page - Linear Technology LTC3589 Datasheet HTML 48Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
44
3589fe
APPLICATIONS INFORMATION
The LTC3589 is optimized to support several families of
advanced portable applications processors including the
Marvell PXA3xx and PXA168 Xscale processors, the Fre-
escale i.MX family including the new i.MX53 and i.MX51,
the TI OMAP processors utilizing their Smart reflex, and
many additional ARM processors.
PXA3XX Monahans Processor Support
The PXA3XX processors are hard-coded to communicate
with a PMIC at specific command register addresses in
order to power up the processor supply rails from the
low power state. The LTC3589 I2C device address and
command register addresses map to PXA3xx command
register sub-address requirements. The LTC3589 write
address is 0x68. The key command register addresses
for PXA3xx support are the Output Voltage Enable (OVEN)
register at address 0x10. VCC_APPS/A_EN is mapped
to OVEN bit 0 (enable step-down switching regulator 1).
VCC_SRAM/S_EN is mapped to OVEN bit 2 (enable step-
down switching regulator 3). The voltage change control
register (VCCR) at command register address 0x20 con-
trols the dynamic voltage select and go bits required to
command a voltage change and slew when coming out
of low voltage standby or sleep modes into run mode.
The dynamic target voltage (xxDTV[1,2]) registers map
to the mandatory command register addresses. The full
register map for the LTC3589 shown in Table 16 and Table
17 supports Monahans, hard-coded I2C commands for
start-of-day operation, voltage-change sequence, supply
enable, and return-to-D0 state sequence.
The LTC3589 does not specifically reference the Mona-
hans SYS_EN and PWR_EN enable pins but supports
these signals with individual enable input pins EN[1-4]
and EN_LDO[2,34] that should be hard-wired to SYS_EN
or PWR_EN as required for proper system-level power
sequencing.
The LTC3589 RSTO signal is used to drive the Monahans
hard reset signal nRESET and is based on the state of
the always-active regulator output LDO1_STBY and by a
pushbutton hard reset request. The release of the RSTO
output is delayed a minimum of 10ms as required or as
long as 1s when the LTC3589 is reset using its pushbut-
ton controller.
PXA16X Armada Processor Support
LTC3589 includes spare register bits that can be accessed
by the processor for setting and recalling hibernate and
resume operation.
The keep-alive function allow a step-down switching
regulator to maintain system memory during a hibernate
shutdown state of the Armada processor.
i.MX53 and i.MX51 Processor Support
The LTC3589 has hardware features specifically designed
for the latest i.MX family of processors from Freescale
Semiconductor. The i.MX53 and i.MX51 control the
VSTB input pin of the LTC3589 to command transitions
between the run mode core voltage and the lower level
standby voltage. The run and standby voltage levels are
initially programmed in I2C command registers xxBTV1
and xxBTV2. When the VSTB pin is asserted high all four
dynamically controlled output supply rails will slew to the
xxBTV2 set point. When xxBTV1 and xxBTV2 are set at
the same value, as they are by default, then no slewing
occurs. This allows the single VSTB pin to control any
combination of the four DAC controlled regulators to slew
between two programmed output voltages. When VSTB is
de-asserted back to a zero value the regulators slew back
up to the xxBTV1 set point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com