Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 10Page - Linear Technology LTC4253 Datasheet HTML 11Page - Linear Technology LTC4253 Datasheet HTML 12Page - Linear Technology LTC4253 Datasheet HTML 13Page - Linear Technology LTC4253 Datasheet HTML 14Page - Linear Technology LTC4253 Datasheet HTML 15Page - Linear Technology LTC4253 Datasheet HTML 16Page - Linear Technology LTC4253 Datasheet HTML 17Page - Linear Technology LTC4253 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC4253/LTC4253A
14
425353afe
APPLICATIONS INFORMATION
OPERATION
Higher overloads are handled by an analog current limit
loop. If the drop across RS reaches VACL, the current
limiting loop servos the MOSFET gate and maintains a
constant output current of VACL/RS. In current limit mode,
VOUT (MOSFET drain-source voltage drop) typically rises
and this increases MOSFET heating. If VOUT > VDRNCL,
connecting an external resistor, RD between VOUT and
DRAIN allows the fault timing cycle to be shortened by
accelerating the charging of the TIMER capacitor. The
TIMER pull-up current is increased by 8 • IDRN. Note that
because SENSE > 50mV, TIMER charges CT during this
time, and the LTC4253/LTC4253A eventually shut down.
Low impedance failures on the load side of the LTC4253/
LTC4253A, coupled with 48V or more driving potential,
can produce current slew rates well in excess of 50A/μs.
Under these conditions, overshoot is inevitable. A fast
SENSE comparator with a threshold of 200mV detects
overshoot and pulls GATE low much harder and hence
much faster than the weaker current limit loop. The VACL/
RS current limit loop then takes over and servos the cur-
rent as previously described. As before, TIMER runs and
shuts down the LTC4253/LTC4253A when CT reaches 4V.
If CT reaches 4V, the LTC4253/LTC4253A latch off with a
5μA pull-up current source. The LTC4253/LTC4253A circuit
breaker latch is reset by either pulling the RESET pin active
high until TIMER goes low, pulling UV momentarily low,
dropping the input voltage VIN below the internal UVLO
threshold or pulsing TIMER momentarily low with a switch.
Although short-circuits are the most obvious fault type,
several operating conditions may invoke overcurrent
protection. Noise spikes from the backplane or load, input
steps caused by the connection of a second, higher voltage
supply, transient currents caused by faults on adjacent
circuit boards sharing the same power bus or the insertion
of non-hot swappable products could cause higher than
anticipated input current and temporary detection of an
overcurrent condition. The action of TIMER and CT rejects
these events allowing the LTC4253/LTC4253A to “ride out”
temporary overloads and disturbances that could trip a
simple current comparator and, in some cases, blow a fuse.
pins, the area in and around the LTC4253 and all associ-
ated components should be free of any other planes such
as chassis ground, return, or secondary-side power and
ground planes.
VIN may be biased with additional current up to 30mA, to
accomodate external loading such as the PWRGD opto-
couplers shown in Figure 2. As an alternative to running
higher current, simply buffer VIN with an emitter follower
as shown in Figure 3. A method that cascodes the PWRGD
outputs as shown in Figure 17.
VIN is rated to handle 30mA within the thermal limits of
the package, and is tested to survive a 100μs, 100mA
SHUNT REGULATOR
A fast responding shunt regulator clamps the VIN pin to
13V (VZ). Power is derived from –48RTN by an external
current limiting resistor, RIN. A 1μF decoupling capacitor,
CIN filters supply transients and contributes a short delay
at start-up.
To meet creepage requirements RIN may be split into two
or more series connected units. This introduces a wider
total spacing than is possible with a single component
while at the same time ballasting the potential across the
gap under each resistor. The LTC4253 is fundamentally a
low voltage device that operates with –48V as its reference
ground. To further protect against arc discharge into its



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com