Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 14Page - Linear Technology LTC4253 Datasheet HTML 15Page - Linear Technology LTC4253 Datasheet HTML 16Page - Linear Technology LTC4253 Datasheet HTML 17Page - Linear Technology LTC4253 Datasheet HTML 18Page - Linear Technology LTC4253 Datasheet HTML 19Page - Linear Technology LTC4253 Datasheet HTML 20Page - Linear Technology LTC4253 Datasheet HTML 21Page - Linear Technology LTC4253 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTC4253/LTC4253A
18
425353afe
APPLICATIONS INFORMATION
POWER GOOD SEQUENCING
After the initial TIMER cycle, GATE ramps up to turn on
the external MOSFET which in turn pulls DRAIN low.
When GATE is within 2.8V of VIN and DRAIN is lower than
VDRNL,thepowergoodsequencestartswithPWRGD1pull-
ing active low. This starts off a 5μA pull-up on the SQTIMER
pin which ramps up until it reaches the 4V threshold then
pulls low. When the SQTIMER pin floats, this delay tSQT is
about 300μs. Connecting an external capacitor CSQ from
SQTIMER to VEE modifies the delay to:
t
SQT =
4V • C
SQ
5
μA
(5)
PWRGD2 asserts when EN2 goes high and PWRGD1 has
asserted for more than one tSQT. When PWRGD2 suc-
cessfully pulls low, SQTIMER ramps up on another delay
cycle. PWRGD3 asserts when EN2 and EN3 go high and
PWRGD2 has asserted for more than one tSQT.
All three PWRGD signals are reset in UVLO, in UV condi-
tion, if RESET is high or when CT charges up to 4V. In
addition, PWRGD2 is reset by EN2 going low. PWRGD3 is
reset by EN2 or EN3 going low. An overvoltage condition
has no effect on the PWRGD flags. A 50μA current pulls
each PWRGD pin high when reset. As power modules
signal common are different from PWRGD, optoisolation
is recommended. These three pins can sink an optodiode
current. Figure 17 shows an NPN configuration for the
PWRGD interface. A limiting base resistor should be used
for each NPN and the module enable input should have
protection from negative bias current.
SOFT-START
Soft-start is effective in limiting the inrush current during
GATE start-up. Unduly long soft-start intervals can exceed
the MOSFET’s SOA duration if powering-up into an active
load. When the SS pin floats, an internal current source
ramps SS from 0V to 2.2V in about 300μs (0V to 1.4V in
about 200μs for the LTC4253A). Connecting an external
capacitor, CSS, from SS to ground modifies the ramp to
approximate an RC response of:
VSS(t) ≈ VSS 1− e
–t
R
SSC SS
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
(6)
An internal resistor divider (95k/5k for the LTC4253 and
47.5k/2.5k for the LTC4253A) scales VSS(t) down by 20
times to give the analog current limit threshold:
V
ACL (t) =
V
SS(t)
20
–V
OS
(7)
This allows the inrush current to be limited to VACL(t)/RS.
The offset voltage, VOS (10mV), ensures CSS is sufficiently
discharged and the ACL amplifier is in current limit mode
before GATE start-up. SS is discharged low during UVLO
at VIN , UV, OV, during the initial timing cycle, a latched
circuit breaker fault or the RESET pin going high.
GATE
GATE is pulled low to VEE under any of the following condi-
tions: in UVLO, when RESET pulls high, in an undervoltage
condition, in an overvoltage condition, during the initial
timing cycle or a latched circuit breaker fault. When GATE
turns on, a 50μA current source charges the MOSFET gate
and any associated external capacitance. VIN limits the
gate drive to no more than 14.5V.
Gate-drain capacitance (CGD) feedthrough at the first
abrupt application of power can cause a gate-source
voltage sufficient to turn on the MOSFET. A unique circuit
pulls GATE low with practically no usable voltage at VIN
and eliminates current spikes at insertion. A large external
gate-source capacitor is thus unnecessary for the purpose
of compensating CGD. Instead, a smaller value (≥10nF)
capacitor CC is adequate. CC also provides compensation
for the analog current limit loop.
GATE has two comparators: the GATE low comparator looks
for <0.5V threshold prior to initial timing; the GATE high
comparator looks for <2.8V relative to VIN and, together
with DRAIN low comparator, sets PWRGD1 output during
GATE start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com