Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 26Page - Linear Technology LTC4253 Datasheet HTML 27Page - Linear Technology LTC4253 Datasheet HTML 28Page - Linear Technology LTC4253 Datasheet HTML 29Page - Linear Technology LTC4253 Datasheet HTML 30Page - Linear Technology LTC4253 Datasheet HTML 31Page - Linear Technology LTC4253 Datasheet HTML 32Page - Linear Technology LTC4253 Datasheet HTML 33Page - Linear Technology LTC4253 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LTC4253/LTC4253A
32
425353afe
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
APPLICATIONS INFORMATION
The peak power at the fault current limit occurs at the supply
overvoltage threshold. The fault current limited power is:
POWER(FAULT)
=
V
SUPPLY
()
R
S
•V
ACL − (VSUPPLY − VZ )•
R4
R3
⎡
⎣⎢
⎤
⎦⎥
(18)
Circuit Breaker with Foldback Current Limit
Figure 17 shows the LTC4253A in a foldback current limit
application. When VOUT is shorted to the –48V RTN supply,
current flows through resistors R3 and R4. This results in
a voltage drop across R4 and a corresponding reduction
in voltage drop across the sense resistor, RS, as the ACL
amplifier servos the sense voltage between the SENSE and
VEE pins to about 60mV. The short-circuit current through
RS reduces as the VOUT voltage increases during an output
short-circuit condition. Without foldback current limiting
resistor R4, the current is limited to 3A during analog
current limit. With R4, the short-circuit current is limited
to 0.5A when VOUT is shorted to 71V.
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
GN16 (SSOP) 0204
12
3
4
5
6
7
8
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
16 15 14 13
.189 – .196*
(4.801 – 4.978)
12 11 10 9
.016 – .050
(0.406 – 1.270)
.015 ±.004
(0.38 ±0.10)
45
0° – 8° TYP
.007 – .0098
(0.178 – 0.249)
.0532 – .0688
(1.35 – 1.75)
.008 – .012
(0.203 – 0.305)
TYP
.004 – .0098
(0.102 – 0.249)
.0250
(0.635)
BSC
.009
(0.229)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 BSC
.0165 ±.0015
.045 ±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com