Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4253 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4253
Description  ??8V Hot Swap Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4253 Datasheet HTML 2Page - Linear Technology LTC4253 Datasheet HTML 3Page - Linear Technology LTC4253 Datasheet HTML 4Page - Linear Technology LTC4253 Datasheet HTML 5Page - Linear Technology LTC4253 Datasheet HTML 6Page - Linear Technology LTC4253 Datasheet HTML 7Page - Linear Technology LTC4253 Datasheet HTML 8Page - Linear Technology LTC4253 Datasheet HTML 9Page - Linear Technology LTC4253 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTC4253/LTC4253A
6
425353afe
TYPICAL PERFORMANCE CHARACTERISTICS
VGATEH vs Temperature
UV Threshold vs Temperature
OV Threshold vs Temperature
ISENSE vs (VSENSE – VEE)ISENSE vs Temperature
TIMER Threshold vs Temperature
IGATE (FCL, Sink) vs Temperature
VGATE vs Temperature
VGATEL vs Temperature
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G10
400
350
300
250
200
150
100
50
0
UV/OV = 4V
TIMER = 0V
VSENSE – VEE = 0.3V
VGATE = 1V
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G13
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
UV/OV = 4V
VGATEH = VIN – VGATE
IIN = 2mA
VSENSE – VEE (V)
–1.5
–1
–0.5
0
0.5
1
1.5
4253 G16
0.01
0.1
1
10
100
1000
UV/OV = 4V
TIMER = 0V
GATE = HIGH
TA = 25°C
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G11
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
UV/OV = 4V
TIMER = 0V
VSENSE = VEE
IIN = 2mA
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G14
3.375
3.275
3.175
3.075
2.975
2.875
2.775
IIN = 2mA
VUVH
VUVL
VUV
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G17
0
–5
–10
–15
–20
–25
–30
UV/OV = 4V
TIMER = 0V
VSENSE – VEE = 50mV
VGATE = HIGH
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G12
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
UV/OV = 4V
TIMER = 0V
GATE THRESHOLD
BEFORE RAMP UP
TEMPERATURE (°C)
–55 –35
5.0
5.4
5.6
5.8
65
85 105
6.4
4352 G15
5.2
–15
525
45
125
6.0
6.2
VOVH
IIN = 2mA
VOVL
VOV
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
4253 G18
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IIN = 2mA
VTMRH
VTMRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com