Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4613
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 1 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTM8048
1
8048fa
INPUT VOLTAGE (V)
0
330
230
130
280
180
80
10
20
8048 TA01b
30
515
25
TYPICAL APPLICATION
FEATURES
DESCRIPTION
3.1VIN to 32VIN Isolated
µModule DC/DC Converter
with LDO Post Regulator
The LTM®8048 is an isolated flyback μModule DC/DC
converter with LDO post regulator. The LTM8048 has an
isolation rating of 725VDC. Included in the package are
the switching controller, power switches, transformer, and
all support components. Operating over an input voltage
range of 3.1V to 32V, the LTM8048 supports an output
voltage range of 2.5V to 13V, set by a single resistor. There
is also a linear post regulator whose output voltage is ad-
justable from 1.2V to 12V as set by a single resistor. Only
output, input, and bypass capacitors are needed to finish
the design. Other components may be used to control the
soft-start control and biasing.
The LTM8048 is packaged in a thermally enhanced, com-
pact (11.25mm
× 9mm × 4.92mm) over-molded ball grid
array (BGA) package suitable for automated assembly
by standard surface mount equipment. The LTM8048 is
RoHS compliant.
L, LT, LTC, LTM, Linear Technology, the Linear logo and μModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
APPLICATIONS
n Complete Switch Mode Power Supply
n 725VDC Isolation
n Wide Input Voltage Range: 3.1V to 32V
n VOUT1 Output:
Up to 440mA (VOUT1 = 2.5V, 24VIN)
2.5V to 13V Output Range
n VOUT2 Low Noise Linear Post Regulator:
Up to 300mA
1.2V to 12V Output Range
n Current Mode Control
n Programmable Soft-Start
n User Configurable Undervoltage Lockout
n (e1) RoHS Compliant Package
n Low Profile (11.25mm
× 9mm × 4.92mm) Surface
Mount BGA Package
n Industrial Sensors
n Industrial Switches
n Ground Loop Mitigation
Total Output Current vs VIN
725VDC ISOLATION
LTM8048
8048 TA01
VIN
3.1V TO 30V
VOUT2
5V
5.7V
10μF
22μF
2.2μF
4.7μF
6.19k
162k
VOUT1
VOUT2
VIN
RUN
ADJ1
SS
BYP
BIAS
GND
ADJ2
VOUT
–
725V DC Isolated Low Noise μModule Regulator


Similar Part No. - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4613 LINER-LTM4613 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4613 LINER-LTM4613 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM4613 LINER-LTM4613 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4613 LINER-LTM4613 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM4613 LINER-LTM4613 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
More results

Similar Description - LTM4613

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
Isolated DC/DC Converter Module
logo
Linear Technology
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
Isolated DC/DC Module Converter
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8046 LINER-LTM8046 Datasheet
383Kb / 20P
3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
LTM8067 LINER-LTM8067 Datasheet
896Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter
logo
Bellnix Co.,Ltd.
BSU-1.8S1R0 BELLNIX-BSU-1.8S1R0 Datasheet
3Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com