Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4613
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8048
11
8048fa
APPLICATIONS INFORMATION
For most applications, the design process is straight
forward, summarized as follows:
1. Look at Table 1a (or Table 1b, if the post linear regula-
tor is used) and find the row that has the desired input
range and output voltage.
2. Apply the recommended CIN, COUT1, COUT2, RADJ1,
RADJ2 and CBYP if required.
3. Connect BIAS as indicated, or tie to an external source
up to 15V or VIN, whichever is less.
While these component combinations have been tested for
proper operation, it is incumbent upon the user to verify
proper operation over the intended system’s line, load and
environmental conditions. Bear in mind that the maximum
output current may be limited by junction temperature,
the relationship between the input and output voltage
magnitude and polarity and other factors. Please refer
to the graphs in the Typical Performance Characteristics
section for guidance.
Capacitor Selection Considerations
The CIN, COUT1 and COUT2 capacitor values in Table 1 are
the minimum recommended values for the associated op-
erating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8048. A
ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit. If
the LTM8048 circuit is plugged into a live supply, the input
voltage can ring to much higher than its nominal value,
possibly exceeding the device’s rating. This situation is
easily avoided; see the Hot-Plugging Safely section.
LTM8048 Table 1a. Recommended Component Values and Configuration for Specific VOUT1 Voltages (TA = 25°C)
VIN
VOUT1
VBIAS
CIN
COUT1
RADJ1
3.1V to 32V
2.5V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
12.4k
3.1V to 32V
3.3V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10k
3.1V to 29V
5V
3.1V to 15V or Open
2.2μF, 50V, 1206
22μF, 16V, 1210
7.15k
3.1V to 26V
8V
3.1V to 15V or Open
2.2μF, 50V, 1206
22μF, 10V, 1206
4.53k
3.1V to 24V
12V
3.1V to 15V or Open
2.2μF, 25V, 0805
10μF, 16V, 1210
3.16k
9V to 15V
2.5V
VIN
2.2μF, 50V, 1206
100μF, 6.3V, 1210
12.4k
9V to 15V
3.3V
VIN
2.2μF, 50V, 1206
47μF, 6.3V, 1210
10k
9V to 15V
5V
VIN
2.2μF, 50V, 1206
22μF, 16V, 1210
7.15k
9V to 15V
8V
VIN
2.2μF, 50V, 1206
22μF, 10V, 1206
4.53k
9V to 15V
12V
VIN
2.2μF, 25V, 0805
10μF, 16V, 1210
3.16k
18V to 32V
2.5V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
12.4k
18V to 32V
3.3V
3.1V to 15V or Open
2.2μF, 50V, 1206
47μF, 6.3V, 1210
10k
18V to 29V
5V
3.1V to 15V or Open
2.2μF, 50V, 1206
22μF, 16V, 1210
7.15k
18V to 26V
8V
3.1V to 15V or Open
2.2μF, 50V, 1206
22μF, 10V, 1206
4.53k
18V to 24V
12V
3.1V to 15V or Open
2.2μF, 50V, 1206
10μF, 16V, 1210
3.16k
Note: Do not allow BIAS to exceed VIN, a bulk input capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com