Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4613
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM8048
12
8048fa
LTM8048 Table 1b. Recommended Component Values and Configuration for Specific VOUT2 Voltages (TA = 25°C)
VIN
VOUT1
VOUT2
VBIAS
CIN
COUT1
COUT2
RADJ1
RADJ2
3.1V to 32V
1.71V
1.2V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
16.5k
Open
3.1V to 32V
2.02V
1.5V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
14.7k
2.32M
3.1V to 32V
2.34V
1.8V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
13.3k
1.07M
3.1V to 32V
3.08V
2.5V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
10.5k
487k
3.1V to 32V
3.92V
3.3V
3.1V to 15V or Open
2.2μF, 50V, 1206
47μF, 6.3V, 1210
10μF, 6.3V, 1206
8.66k
294k
3.1V to 29V
5.7V
5V
3.1V to 15V or Open
2.2μF, 50V, 1206
22μF, 16V, 1210
10μF, 6.3V, 1206
6.19k
162k
3.1V to 26V
8.85V
8V
3.1V to 15V or Open
2.2μF, 50V, 1206
22μF, 10V, 1206
10μF, 10V, 1206
4.12k
88.7k
3.1V to 21V
13V
12V
3.1V to 15V or Open
2.2μF, 25V, 0805
10μF, 16V, 1210
10μF, 16V, 1206
2.94k
56.2k
9V to 15V
1.71V
1.2V
VIN
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
16.5k
Open
9V to 15V
2.02V
1.5V
VIN
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
14.7k
2.32M
9V to 15V
2.34V
1.8V
VIN
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
13.3k
1.07M
9V to 15V
3.08V
2.5V
VIN
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
10.5k
487k
9V to 15V
3.92V
3.3V
VIN
2.2μF, 50V, 1206
47μF, 6.3V, 1210
10μF, 6.3V, 1206
8.66k
294k
9V to 15V
5.7V
5V
VIN
2.2μF, 50V, 1206
22μF, 16V, 1210
10μF, 6.3V, 1206
6.19k
162k
9V to 15V
8.85V
8V
VIN
2.2μF, 50V, 1206
22μF, 10V, 1206
10μF, 10V, 1206
4.12k
88.7k
9V to 15V
13V
12V
VIN
2.2μF, 25V, 0805
10μF, 16V, 1210
10μF, 16V, 1206
2.94k
56.2k
18V to 32V
1.71V
1.2V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
16.5k
Open
18V to 32V
2.02V
1.5V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
14.7k
2.32M
18V to 32V
2.34V
1.8V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
13.3k
1.07M
18V to 32V
3.08V
2.5V
3.1V to 15V or Open
2.2μF, 50V, 1206
100μF, 6.3V, 1210
10μF, 6.3V, 1206
10.5k
487k
18V to 32V
3.92V
3.3V
3.1V to 15V or Open
2.2μF, 50V, 1206
47μF, 6.3V, 1210
10μF, 6.3V, 1206
8.66k
294k
18V to 29V
5.7V
5V
3.1V to 15V or Open
2.2μF, 50V, 1206
22μF, 16V, 1210
10μF, 6.3V, 1206
6.19k
162k
18V to 26V
8.85V
8V
3.1V to 15V or Open
2.2μF, 50V, 1206
22μF, 10V, 1206
10μF, 10V, 1206
4.12k
88.7k
Note: Do not allow BIAS to exceed VIN, a bulk input capacitor is required.
APPLICATIONS INFORMATION
BIAS Pin Considerations
The BIAS pin is the output of an internal linear regulator
that powers the LTM8048’s internal circuitry. It is set to
3V and must be decoupled with a low ESR capacitor of at
least 4.7μF. The LTM8048 will run properly without apply-
ing a voltage to this pin, but will operate more efficiently
and dissipate less power if a voltage greater than 3.1V is
applied. At low VIN, the LTM8048 will be able to deliver
more output current if BIAS is 3.1V or greater. Up to 32V
may be applied to this pin, but a high BIAS voltage will
cause excessive power dissipation in the internal circuitry.
For applications with an input voltage less than 15V, the
BIAS pin is typically connected directly to the VIN pin. For
input voltages greater than 15V, it is preferred to leave the
BIAS pin separate from the VIN pin, either powered from
a separate voltage source or left running from the internal
regulator. This has the added advantage of keeping the
physical size of the BIAS capacitor small. Do not allow
BIAS to rise above VIN.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at start-up. The built-in soft-start circuit
significantly reduces the start-up current spike and output
voltage overshoot by applying a capacitor from SS to GND.
When the LTM8048 is enabled, whether from VIN reaching
a sufficiently high voltage or RUN being pulled high, the
LTM8048 will source approximately 10μA out of the SS
pin. As this current gradually charges the capacitor from
SS to GND, the LTM8048 will correspondingly increase
the power delivered to the output, allowing for a graceful
turn-on ramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com