Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4613 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4613
Description  3.1VIN to 32VIN Isolated 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTM8048
16
8048fa
TYPICAL APPLICATIONS
12V Flyback Converter with Low Noise Bypass
3.3V and 2.5V Flyback Converter
LTM8048
8048 TA04
VIN
3.5VDC TO 32VDC
VOUT2
2.5V
VOUT1
3.3V
10k
487k
4.7μF
VOUT1
VOUT2
VIN
RUN
ADJ1
SS
BYP
BIAS
GND
ADJ2
VOUT
–
725VDC ISOLATION
10μF
100μF
2.2μF
725VDC ISOLATION
LTM8048
8048 TA03
VIN
5VDC TO 23VDC
VOUT2
12V
2.94k
56.2k
4.7μF
VOUT1
VOUT2
VIN
RUN
ADJ1
SS
BYP
BIAS
GND
ADJ2
VOUT
–
0.01μF
13V
10μF
10μF
5V
3.3V Flyback Converter
VOUT2 Output Current vs VIN
VOUT2 Output Current vs VIN
Total Output Current vs VIN
725VDC ISOLATION
LTM8048
8048 TA02
VIN
9V TO 15V
VOUT2
3.3V
8.66k
294k
4.7μF
VOUT1
VOUT2
VIN
RUN
ADJ1
SS
BYP
BIAS
GND
ADJ2
VOUT
–
3.9V
10μF
47μF
2.2μF
VIN (V)
9
340
320
300
260
220
280
240
200
11
13
8048 TA02b
15
10
12
14
VIN (V)
5
250
230
210
190
170
150
110
70
130
90
50
15
8048 TA03b
25
10
20
VIN (V)
0
500
450
400
350
250
150
300
200
100
16
8048 TA04b
32
824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com