Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 12Page - Diodes Incorporated AP02002 Datasheet HTML 13Page - Diodes Incorporated AP02002 Datasheet HTML 14Page - Diodes Incorporated AP02002 Datasheet HTML 15Page - Diodes Incorporated AP02002 Datasheet HTML 16Page - Diodes Incorporated AP02002 Datasheet HTML 17Page - Diodes Incorporated AP02002 Datasheet HTML 18Page - Diodes Incorporated AP02002 Datasheet HTML 19Page - Diodes Incorporated AP02002 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
AP02002 Rev. 60
16 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
U-DFN4030-12
Type B
U-DFN4030-12
Type B
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0.00
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
3.95
4.05
4.00
D1
1.52
1.72
1.62
D2
0.96
1.16
1.06
D3
0.70
0.90
0.80
D4
0.65
0.85
0.75
E
2.95
3.05
3.00
e
-
-
0.50
E1
1.51
1.71
1.61
E2
0.35
0.55
0.45
E3
0.74
0.94
0.84
E4
0.30
0.50
0.40
E5
0.15
0.35
0.25
L
0.45
0.55
0.50
L1
0.30
0.40
0.35
L2
0.72
0.82
0.77
Z
-
-
0.625
All Dimensions in mm
U-DFN4030-12
Type C
U-DFN4030-12
Type C
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
−
−
0.015
b
0.20
0.30
0.25
D
3.95
4.05
4.00
D1
0.74
0.94
0.84
D2
1.00
1.20
1.10
D3
1.00
1.20
1.10
D4
0.84
1.04
0.94
E
2.95
3.05
3.00
E1
1.60
1.80
1.70
E2
0.88
1.08
0.98
E3
0.29
0.49
0.39
E4
1.60
1.80
1.70
e
−
−
0.50
L
0.30
0.40
0.35
L1
0.05
0.15
0.10
K1
−
−
0.30
K2
−
−
0.33
Z
−
−
0.23
All Dimensions in mm
E5
E1
L2
E2
E
E3
E4
L (5x)
L1 (6x)
D4 (4x)
e
D
Z (4x)
b (12x)
D1 (2x)
D3
D2 (2x)
A
A1
A3
A
A3
D
E
b (12x)
L1
A1
e
L
D1
E1
D2
E2
D4
E4
E3
D3
Z
K1
K2
R0.1
50
Pin1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com