Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 16Page - Diodes Incorporated AP02002 Datasheet HTML 17Page - Diodes Incorporated AP02002 Datasheet HTML 18Page - Diodes Incorporated AP02002 Datasheet HTML 19Page - Diodes Incorporated AP02002 Datasheet HTML 20Page - Diodes Incorporated AP02002 Datasheet HTML 21Page - Diodes Incorporated AP02002 Datasheet HTML 22Page - Diodes Incorporated AP02002 Datasheet HTML 23Page - Diodes Incorporated AP02002 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
AP02002 Rev. 60
20 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
MSOP-10
MSOP-10
Dim
Min
Max
Typ
a
0
°
8°
4°
A
-
1.10
-
A1
0.05 0.15 0.10
A
0.75 0.95 0.86
b
0.17 0.27 0.20
c
0.08 0.23 0.15
D
2.95 3.05 3.00
e
-
-
0.50
E
4.80 5.00 4.90
E1
2.95 3.05 3.00
L
0.40 0.80 0.60
All Dimensions in mm
POWERDI
®
123
POWERDI
®
123 Type B
POWERDI
®
123
Dim
Min
Max
Typ
A
3.50 3.90 3.70
B
2.60 3.00 2.80
C
1.63 1.93 1.78
D
0.93 1.00 0.98
E
0.85 1.25 1.00
H
0.15 0.25 0.20
L
0.40 0.50 0.45
L1
-
-
1.35
L2
-
-
1.10
L3
-
-
0.20
All Dimensions in mm
POWERDI
®
123
Type B
Dim
Min
Max
Typ
A
3.50
3.90 3.70
B
2.60
3.00 2.80
C
1.63
1.93 1.78
D
0.93
1.00 0.98
E
0.85
1.25 1.00
H
0.15
0.25 0.20
L
0.50
0.80 0.65
All Dimensions in mm
POWERDI
®
323
POWERDI
®
323
Dim
Min
Max
Typ
A
2.40
2.60
2.50
B
1.85
1.95
1.90
C
1.20
1.30
1.25
D
0.60
0.70
0.65
E
0.78
0.98
0.88
E1
0.50
0.70
0.60
E2
0.60
1.00
0.80
H
0.08
0.18
0.13
L
0.20
0.40
0.30
L1
-
-
1.40
L3
-
-
0.20
L4
0.40
0.80
0.60
All Dimensions in mm
L
GAUGE PLANE
DETAIL A
b
A2
A1
C
DETAIL A
e
E
E1
D
A
a
A
E
L
L1
B
C
E
L2
H
D
L3
E
L
E
C
A
B
D
H
E
B
C
E
L1
L
L
H
D
L1
L3
A
L4
E1
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com