Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 17Page - Diodes Incorporated AP02002 Datasheet HTML 18Page - Diodes Incorporated AP02002 Datasheet HTML 19Page - Diodes Incorporated AP02002 Datasheet HTML 20Page - Diodes Incorporated AP02002 Datasheet HTML 21Page - Diodes Incorporated AP02002 Datasheet HTML 22Page - Diodes Incorporated AP02002 Datasheet HTML 23Page - Diodes Incorporated AP02002 Datasheet HTML 24Page - Diodes Incorporated AP02002 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
AP02002 Rev. 60
21 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
POWERDI
®
3030-8
POWERDI
®
3030-8
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
-
-
0.203
b
0.25
0.35
0.30
D
2.95
3.05
3.00
E
2.95
3.05
3.00
e
-
-
0.65
L
0.55
0.65
0.60
Z
-
-
0.375
All Dimensions in mm
POWERDI
®
3333-8
POWERDI
®
3333-8
Dim
Min
Max
Typ
D
3.25
3.35
3.30
E
3.2
3.35
3.30
D2
2.22
2.32
2.27
E2
1.56
1.66
1.61
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
-
-
0.203
b
0.27
0.37
0.32
b2
-
-
0.20
L
0.35
0.45
0.40
L1
-
-
0.39
e
-
-
0.65
Z
-
-
0.515
All Dimensions in mm
POWERDI
®
3333-8 Type B
POWERDI
®3333-8
Type B
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
−
−
0.203
b
0.27
0.37
0.32
b2
−
−
0.20
D
3.25
3.35
3.30
D1
2.55
2.66
2.61
D2
1.74
1.84
1.79
e
−
−
0.65
E
3.25
3.35
3.30
E1
1.14
1.24
1.19
E2
0.61
0.71
0.66
K1
−
−
0.41
K2
−
−
0.38
L
0.35
0.45
0.40
L1
−
−
0.25
Z
−
−
0.515
All Dimensions in mm
D
E
e
b (8x)
A
A3
L (8x)
A1
Z (4X)
1
Pin#1
C0.10
A
A1
A3
D
D2
E
E2
b2
(4x)
L
(4x)
L1
(3x)
b (8x)
e
Z (4x)
Pin 1 ID
14
85
A
A1
A3
D
D1
E
E2
b2 (4x)
L (5x)
L1 (2x)
b (8x)
e
Z (4x)
E1
K1
K2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com