Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 13Page - Diodes Incorporated AP02002 Datasheet HTML 14Page - Diodes Incorporated AP02002 Datasheet HTML 15Page - Diodes Incorporated AP02002 Datasheet HTML 16Page - Diodes Incorporated AP02002 Datasheet HTML 17Page - Diodes Incorporated AP02002 Datasheet HTML 18Page - Diodes Incorporated AP02002 Datasheet HTML 19Page - Diodes Incorporated AP02002 Datasheet HTML 20Page - Diodes Incorporated AP02002 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
AP02002 Rev. 60
17 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
W-DFN3020-8
Type B
W-DFN3020-8
Type B
Dim
Min
Max
Typ
A
0.77
0.83
0.80
A1
0
0.05
0.02
A3
-
-
0.15
b
0.25
0.35
0.30
D
2.95
3.075
3.00
D2
0.82
1.02
0.92
D4
1.01
1.21
1.11
e
-
-
0.65
E
1.95
2.075
2.00
E2
0.43
0.63
0.53
L
0.25
0.35
0.30
Z
-
-
0.375
All Dimensions in mm
W-DFN3020-8
Type K
W-DFN3020-8
Type K
Dim
Min
Max
Typ
A
0.77
0.83
0.80
A1
0.00
0.05
0.02
A3
-
-
0.15
b
0.25
0.35
0.30
D
2.95
3.05
3.00
D1
1.025 1.225 1.125
D2
1.05
1.25
1.15
D3
0.375 0.575 0.475
D4
0.40
0.60
0.50
E
1.95
2.05
2.00
e
-
-
0.65
E1
0.56
0.76
0.66
E2
0.26
0.46
0.36
E3
0.605 0.805 0.705
E4
0.275 0.475 0.375
L
0.425 0.525 0.475
L1
0.30
0.40
0.35
L2
0.60
0.70
0.65
Z
-
-
0.375
All Dimensions in mm
X2-DFN3020-6
X2-DFN3020-6
Dim
Min
Max
Typ
A
-
0.40
-
A1
0
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
1.95
2.075
2.00
D1
0.942 1.142 1.042
e
-
-
0.50
E
2.95
3.075
3.00
E1
1.124 1.324 1.224
L
0.50
0.60
0.55
Z
-
-
0.375
All Dimensions in mm
b
e
E2
D2
L
D
E
A
Z
A1
A3
D4
D4
e
b
D
D4 (2x)
E4
(2x)
L2
L1
L (4x)
D2
D1
E2
E1
E
Z (4x)
E3
D3
A
A1
A3
D
e
A1
A
A3
E
E1
Zb
L
D1
Pin #1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com