Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912IP812AMAF Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MM912IP812AMAF
Description  S12P MCU and Multifunctional Ignition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912IP812AMAF Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MM912IP812AMAF Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 10Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 12Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
MM912_P812
PIN CONNECTIONS
MCU
45
PT3
I/O
PT3/IOC3
Port T, I/O pin 3 is a general purpose input or output pin. It can be
configured as a timer (TIM) channel 3.
MCU
46
PJ0
VDDF (8)
I/O
Supply (8)
PJ0/KWJ0
VDDF 3.3 V supply
output (8)
(S12XEP100 ONLY)
Port J, I/O pin 0 is a general purpose input or output pin. It can be
configured as a keypad wake-up input. (Only on S12P, not on
S12XEP100)
Signals VDDF/VSS are the secondary outputs of VREG_3V3 that
provide the power supply for the NVM logic. These signals are connected
to device pins to allow external decoupling capacitors (220 nF, X7R
ceramic). In Shutdown mode an external supply driving VDDF/VSS can
replace the voltage regulator. On S12XEP100. (8)
MCU
47
PJ1
VSS1 (8)
I/O
Ground (8)
PJ1/KWJ1
VSS1 (8)
Port J, I/O pin 1 is a general purpose input or output pin. It can be
configured as a keypad wake-up input (Only on S12P, not on
S12XEP100)
See previous description for VDDF/VSS. Only on S12XEP100 (8)
MCU
48
PT4
I/O
PT4/IOC4/PWM4
Port T, I/O pin 4 is a general purpose input or output pin. It can be
configured as a timer (TIM) channel 4 or pulse width modulator (PWM)
output 4.
MCU
49
PT5
I/O
PT5/IOC5/PWM5/
API_EXTCLK
Port T, I/O pin 5 is a general purpose input or output pin. It can be
configured as a timer (TIM) channel 5, pulse width modulator (PWM)
output 5, or as the output of the API_EXTCLK.
MCU
50
PT6
I/O
PT6/IOC6
Port T, I/O pin 6 is a general purpose input or output pin. It can be
configured as a timer (TIM) channel 6.
MCU
51
PT7
I/O
PT7/IOC7
Port T, I/O pin 7 is a general purpose input or output pin. It can be
configured as a timer (TIM) channel 7.
MCU
52
BKGD
BDM
BKGD/MODC
The BKGD/MODC pin is used as a pseudo open-drain pin for the
background debug communication. It is used as a MCU operating mode
select pin during reset. The state of this pin is latched to the MODC bit at
the rising edge of RESET. The BKGD pin has an internal pull-up device.
MCU
53
PB0
I/O
PB0
Port B, I/O pin 0 is a general purpose input or output pin.
MCU
54
PB2
I/O
PB2
Port B, I/O pin 2 is a general purpose input or output pin.
MCU
55
PB3
I/O
PB3
Port B, I/O pin 3 is a general purpose input or output pin.
MCU
56
PB4
I/O
PB4
Port B, I/O pin 4 is a general purpose input or output pin.
MCU
57
PB5
I/O
PB5
Port B, I/O pin 5 is a general purpose input or output pin.
MCU
58
PB6
I/O
PB6
Port B, I/O pin 6 is a general purpose input or output pin.
MCU
59
PE7
I/O
PE7/ECLKX2
Port E, I/O pin 7 is a general purpose input or output pin. An internal pull-
up is enabled during reset. It can be configured to output ECLKX2.
MCU
60
PE6
I/O
PE6
Port E, I/O pin 6 is a general purpose input or output pin.
MCU
61
PE4
I/O
PE4/ECLK
Port E, I/O pin 4 is a general purpose input or output pin. It can be
configured to drive the internal bus clock ECLK. ECLK can be used as a
timing reference. The ECLK output has a programmable prescaler.
MCU
62
VSSX2
Ground
VSSX2
External ground for I/O drivers. Bypass requirements depend on how
heavily the MCU pins are loaded. All VSSX pins are connected together
internally. Connect to Ground
MCU
63
VDDX2
Supply
Input
VDDX2
External power for I/O drivers. Bypass requirements depend on how
heavily the MCU pins are loaded. All VDDX pins are connected together
internally. Connect to VCC and use a 100 nF bypass capacitor to Ground
Table 4. MM912_P812 Pin Definitions
Analog
or MCU
Pin
Pin Name
Pin
Function
Formal Name
Description and Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com