Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912IP812AMAF Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MM912IP812AMAF
Description  S12P MCU and Multifunctional Ignition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912IP812AMAF Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MM912IP812AMAF Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 10Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 12Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 13Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
MM912_P812
PIN CONNECTIONS
MCU
76
PAD09
VSS2 (10)
A/D Input
Ground
(10)
PAD09 ON S12P
Ground of 3.3 V
regulator (10)
PAD09 is the general purpose input or output pin and analog input of the
analog-to-digital converter, A/D Use voltage divider if necessary, and
ESD protection capacitor. Use of low pass filter as necessary.
(Only on S12P, not on S12XEP100)
See description of VDD above. Only on S12XEP100 (9)
MCU
77
PAD00
A/D Input
PAD00
PAD00 is the general purpose input or output pin and analog input AN0
of the analog-to-digital converter, A/D. Use voltage divider if necessary,
and ESD protection capacitor. Use of low pass filter as necessary.
MCU
78
PAD01
A/D Input
PAD01
PAD01 is the general purpose input or output pin and analog input AN1
of the analog-to-digital converter, A/D. Use voltage divider if necessary,
and ESD protection capacitor. Use of low pass filter as necessary.
MCU
79
PAD02
A/D Input
PAD02
PAD02 is the general purpose input or output pin and analog input AN2
of the analog-to-digital converter, A/D. Use voltage divider if necessary,
and ESD protection capacitor. Use of low pass filter as necessary.
MCU
80
PAD03
A/D Input
PAD03
PAD03 is the general purpose input or output pin and analog input AN3
of the analog-to-digital converter, A/D. Use voltage divider if necessary,
and ESD protection capacitor. Use of low pass filter as necessary.
MCU
81
PAD04
A/D Input
PAD04
PAD04 is the general purpose input or output pin and analog input AN4
of the analog-to-digital converter, A/D. Use voltage divider if necessary,
and ESD protection capacitor. Use of low pass filter as necessary.
MCU
82
PAD05
A/D Input
PAD05
PAD05 is the general purpose input or output pin and analog input AN5
of the analog-to-digital converter, A/D. Use voltage divider if necessary,
and ESD protection capacitor. Use of low pass filter as necessary.
MCU
83
PAD06
A/D Input
PAD06
PAD06 is the general purpose input or output pin and analog input AN6
of the analog-to-digital converter, A/D. Use voltage divider if necessary,
and ESD protection capacitor. Use of low pass filter as necessary.
MCU
84
PAD07
A/D Input
PAD07
PAD07 is the general purpose input or output pin and analog input AN7
of the analog-to-digital converter, A/D. Use voltage divider if necessary,
and ESD protection capacitor. Use of low pass filter as necessary.
MCU
85
VDDA
Supply
Input
VDDA
This is the power supply input pin for the analog-to-digital converter and
the voltage regulator. Connect to VCC and use a bypass capacitor,
100 nF to Ground.
MCU
86
VRH
Supply
Input
VRH
VRH and VRL are the reference voltage input pins for the analog-to-
digital converter. Connect to VCC and use a bypass capacitor, 100 nF to
Ground.
MCU
87
VRL
Supply
Input
VRL
VRH and VRL are the reference voltage input pins for the analog-to-
digital converter. Connect to Ground.
MCU
88
VSSA
Ground
VSSA
This is the ground input pin for the analog-to-digital converter and the
voltage regulator. Connect to Ground.
MCU
89
PS0/RXD
I/O
PS0/
RXD (SCI)
Port S, I/O pin 0 is a general purpose input or output pin. It can be
configured as the receive pin RXD of serial communication interface
(SCI).
If used for ISO9141 connect to pin 4, MRX.
Notes
10.
S12XEP100 signal noted for reuse of PC board for the calibration device.
Table 4. MM912_P812 Pin Definitions
Analog
or MCU
Pin
Pin Name
Pin
Function
Formal Name
Description and Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com